Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 207 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 207 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 203Page - SMSC Corporation LAN9313 Datasheet HTML 204Page - SMSC Corporation LAN9313 Datasheet HTML 205Page - SMSC Corporation LAN9313 Datasheet HTML 206Page - SMSC Corporation LAN9313 Datasheet HTML 207Page - SMSC Corporation LAN9313 Datasheet HTML 208Page - SMSC Corporation LAN9313 Datasheet HTML 209Page - SMSC Corporation LAN9313 Datasheet HTML 210Page - SMSC Corporation LAN9313 Datasheet HTML 211Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
207
Revision 1.2 (04-08-08)
DATASHEET
13.1.6
PHY Management Interface (PMI)
The PMI registers are used to indirectly access the PHY registers. Refer to Section 13.2, "Ethernet
PHY Control and Status Registers," on page 231 for additional information on the PHY registers. Refer
to Section 9.3, "PHY Management Interface (PMI)," on page 127 for information on the PMI.
Note:
The Virtual PHY registers are NOT accessible via these registers.
13.1.6.1
PHY Management Interface Data Register (PMI_DATA)
This register is used in conjunction with the PHY Management Interface Access Register
(PMI_ACCESS) to perform read and write operations to the PHYs.
Note:
The Virtual PHY registers are NOT accessible via these registers.
Offset:
0A4h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
RO
-
15:0
MII Data
This field contains the value read from or written to the PHYs. For a write
operation, this register should be first written with the desired data. For a
read operation, the PMI_ACCESS register is first written and once the
command is finished, this register will contain the return data.
Note:
Upon a read, the value returned depends on the MII Write bit
(MIIWnR) in the PHY Management Interface Access Register
(PMI_ACCESS). If MIIWnR is 0, the data is from the PHY. If
MIIWnR is 1, the data is the value that was last written into this
register.
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com