Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 208 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 208 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 204Page - SMSC Corporation LAN9313 Datasheet HTML 205Page - SMSC Corporation LAN9313 Datasheet HTML 206Page - SMSC Corporation LAN9313 Datasheet HTML 207Page - SMSC Corporation LAN9313 Datasheet HTML 208Page - SMSC Corporation LAN9313 Datasheet HTML 209Page - SMSC Corporation LAN9313 Datasheet HTML 210Page - SMSC Corporation LAN9313 Datasheet HTML 211Page - SMSC Corporation LAN9313 Datasheet HTML 212Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
208
SMSC LAN9313/LAN9313i
DATASHEET
13.1.6.2
PHY Management Interface Access Register (PMI_ACCESS)
This register is used to control the management cycles to the PHYs. A PHY access is initiated when
this register is written. This register is used in conjunction with the PHY Management Interface Data
Register (PMI_DATA) to perform read and write operations to the PHYs.
Note:
The Virtual PHY registers are NOT accessible via these registers.
Offset:
0A8h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
RO
-
15:11
PHY Address (PHY_ADDR)
These bits select the PHY device being accessed. Refer to Section 7.1.1,
"PHY Addressing," on page 84 for information on PHY address
assignments.
R/W
00000b
10:6
MII Register Index (MIIRINDA)
These bits select the desired MII register in the PHY. Refer to Section 13.2,
"Ethernet PHY Control and Status Registers," on page 231 for detailed
descriptions on all PHY registers.
R/W
00000b
5:2
RESERVED
RO
-
1
MII Write (MIIWnR)
Setting this bit informs the PHY that the access will be a write operation
using the PHY Management Interface Data Register (PMI_DATA). If this bit
is cleared, the access will be a read operation, returning data into the PHY
Management Interface Data Register (PMI_DATA).
R/W
0b
0
MII Busy (MIIBZY)
This bit must be read as 0 before writing to the PHY Management Interface
Data Register (PMI_DATA) or PHY Management Interface Access Register
(PMI_ACCESS) registers. This bit is automatically set when this register is
written. During a PHY register access, this bit will be set, signifying a read
or write access is in progress. This is a self-clearing (SC) bit that will return
to 0 when the PHY register access has completed.
During a PHY register write, the PHY Management Interface Data Register
(PMI_DATA) must be kept valid until this bit is cleared.
During a PHY register read, the PHY Management Interface Data Register
(PMI_DATA) register is invalid until the MAC has cleared this bit.
RO
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com