Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 210 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 210 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 206Page - SMSC Corporation LAN9313 Datasheet HTML 207Page - SMSC Corporation LAN9313 Datasheet HTML 208Page - SMSC Corporation LAN9313 Datasheet HTML 209Page - SMSC Corporation LAN9313 Datasheet HTML 210Page - SMSC Corporation LAN9313 Datasheet HTML 211Page - SMSC Corporation LAN9313 Datasheet HTML 212Page - SMSC Corporation LAN9313 Datasheet HTML 213Page - SMSC Corporation LAN9313 Datasheet HTML 214Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
210
SMSC LAN9313/LAN9313i
DATASHEET
13.1.7.1
Virtual PHY Basic Control Register (VPHY_BASIC_CTRL)
This read/write register is used to configure the Virtual PHY.
Note:
This register is re-written in its entirety by the EEPROM Loader following the release or reset
or a RELOAD command. Refer to Section 8.2.4, "EEPROM Loader," on page 113 for more
information.
Offset:
Index (decimal):
1C0h
0
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
(See Note 13.17)
RO
-
15
Reset (VPHY_RST)
When set, this bit resets all the Virtual PHY registers to their default state.
This bit is self clearing.
0: Normal Operation
1: Reset
R/W
SC
0b
14
Loopback (VPHY_LOOPBACK)
This bit enables/disables the loopback mode. When enabled, transmissions
from the external MAC are not sent to the switch fabric. Instead, they are
looped back onto the receive path.
0: Loopback mode disabled (normal operation)
1: Loopback mode enabled
R/W
0b
13
Speed Select LSB (VPHY_SPEED_SEL_LSB)
This bit is used to set the speed of the Virtual PHY when the Auto-
Negotiation (VPHY_AN) bit is disabled.
0: 10 Mbps
1: 100 Mbps
R/W
0b
12
Auto-Negotiation (VPHY_AN)
This bit enables/disables Auto-Negotiation. When enabled, the Speed Select
LSB (VPHY_SPEED_SEL_LSB) and Duplex Mode (VPHY_DUPLEX) bits
are overridden.
0: Auto-Negotiation disabled
1: Auto-Negotiation enabled
R/W
1b
11
Power Down (VPHY_PWR_DWN)
This bit is not used by the Virtual PHY and has no effect.
R/W
0b
10
Isolate (VPHY_ISO)
This bit controls the MII input/output pins. When set and in PHY mode, the
MII output pins are not driven, MII pull-ups and pull-downs are disabled and
the input pins are ignored. When in MAC mode, this bit is ignored and has
no effect. (Note 13.18)
0: Non-Isolated (Normal operation)
1: Isolated
R/W
0b
9
Restart Auto-Negotiation (VPHY_RST_AN)
When set, this bit updates the emulated Auto-Negotiation results.
0: Normal operation
1: Auto-Negotiation restarted
R/W
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com