Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 196 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 196 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 192Page - SMSC Corporation LAN9313 Datasheet HTML 193Page - SMSC Corporation LAN9313 Datasheet HTML 194Page - SMSC Corporation LAN9313 Datasheet HTML 195Page - SMSC Corporation LAN9313 Datasheet HTML 196Page - SMSC Corporation LAN9313 Datasheet HTML 197Page - SMSC Corporation LAN9313 Datasheet HTML 198Page - SMSC Corporation LAN9313 Datasheet HTML 199Page - SMSC Corporation LAN9313 Datasheet HTML 200Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
196
SMSC LAN9313/LAN9313i
DATASHEET
13.1.5.3
Port 0(External MII) Manual Flow Control Register (MANUAL_FC_MII)
This read/write register allows for the manual configuration of the switch Port 0(External MII) flow
control. This register also provides read back of the currently enabled flow control settings, whether
set manually or Auto-Negotiated. Refer to Section 6.2.3, "Flow Control Enable Logic," on page 60 for
additional information.
Note:
The flow control values in the Section 13.1.7.5, "Virtual PHY Auto-Negotiation Advertisement
Register (VPHY_AN_ADV)," on page 216 are not affected by the values of this register.
Offset:
1A8h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:7
RESERVED
RO
-
6
Port 0 Backpressure Enable (BP_EN_MII)
This bit enables/disables the generation of half-duplex backpressure on
switch Port 0.
0: Disable backpressure
1: Enable backpressure
R/W
Note 13.12
5
Port 0 Current Duplex (CUR_DUP_MII)
This bit indicates the actual duplex setting of the switch Port 0.
0: Full-Duplex
1: Half-Duplex
RO
Note 13.13
4
Port 0 Current Receive Flow Control Enable (CUR_RX_FC_MII)
This bit indicates the actual receive flow setting of switch Port 0
0: Flow control receive is currently disabled
1: Flow control receive is currently enabled
RO
Note 13.13
3
Port 0 Current Transmit Flow Control Enable (CUR_TX_FC_MII)
This bit indicates the actual transmit flow setting of switch Port 0.
0: Flow control transmit is currently disabled
1: Flow control transmit is currently enabled
RO
Note 13.13
2
Port 0 Receive Flow Control Enable (RX_FC_MII)
When the MANUAL_FC_MII bit is set, or Virtual Auto-Negotiation is
disabled, this bit enables/disables the detection of full-duplex Pause packets
on switch Port 0.
0: Disable flow control receive
1: Enable flow control receive
R/W
Note 13.14
1
Port 0 Transmit Flow Control Enable (TX_FC_MII)
When the MANUAL_FC_MII bit is set, or Virtual Auto-Negotiation is
disabled, this bit enables/disables full-duplex Pause packets to be generated
on switch Port 0.
0: Disable flow control transmit
1: Enable flow control transmit
R/W
Note 13.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com