Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 218 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 218 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 214Page - SMSC Corporation LAN9313 Datasheet HTML 215Page - SMSC Corporation LAN9313 Datasheet HTML 216Page - SMSC Corporation LAN9313 Datasheet HTML 217Page - SMSC Corporation LAN9313 Datasheet HTML 218Page - SMSC Corporation LAN9313 Datasheet HTML 219Page - SMSC Corporation LAN9313 Datasheet HTML 220Page - SMSC Corporation LAN9313 Datasheet HTML 221Page - SMSC Corporation LAN9313 Datasheet HTML 222Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
218
SMSC LAN9313/LAN9313i
DATASHEET
13.1.7.6
Virtual PHY Auto-Negotiation Link Partner Base Page Ability Register (VPHY_AN_LP_BASE_ABILITY)
This read-only register contains the advertised ability of the link partner’s PHY and is used in the Auto-
Negotiation process with the Virtual PHY. Because the Virtual PHY does not physically connect to an
actual link partner, the values in this register are emulated as described below.
Offset:
Index (decimal):
1D4h
5
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
(See Note 13.35)
RO
-
15
Next Page
This bit indicates the emulated link partner PHY next page capability and is
always 0.
0: Link partner PHY does not advertise next page capability
1: Link partner PHY advertises next page capability
RO
0b
Note 13.36
14
Acknowledge
This bit indicates whether the link code word has been received from the
partner and is always 1.
0: Link code word not yet received from partner
1: Link code word received from partner
RO
1b
Note 13.36
13
Remote Fault
Since there is no physical link partner, this bit is not used and is always
returned as 0.
RO
0b
Note 13.36
12
RESERVED
RO
-
11
Asymmetric Pause
This bit indicates the emulated link partner PHY asymmetric pause
capability.
0: No Asymmetric PAUSE toward link partner
1: Asymmetric PAUSE toward link partner
RO
Note 13.37
10
Pause
This bit indicates the emulated link partner PHY symmetric pause capability.
0: No Symmetric PAUSE toward link partner
1: Symmetric PAUSE toward link partner
RO
Note 13.37
9
100BASE-T4
This bit indicates the emulated link partner PHY 100BASE-T4 capability.
This bit is always 0.
0: 100BASE-T4 ability not supported
1: 100BASE-T4 ability supported
RO
0b
Note 13.36
8
100BASE-X Full Duplex
This bit indicates the emulated link partner PHY 100BASE-X full duplex
capability.
0: 100BASE-X full duplex ability not supported
1: 100BASE-X full duplex ability supported
RO
Note 13.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com