Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 222 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 222 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 218Page - SMSC Corporation LAN9313 Datasheet HTML 219Page - SMSC Corporation LAN9313 Datasheet HTML 220Page - SMSC Corporation LAN9313 Datasheet HTML 221Page - SMSC Corporation LAN9313 Datasheet HTML 222Page - SMSC Corporation LAN9313 Datasheet HTML 223Page - SMSC Corporation LAN9313 Datasheet HTML 224Page - SMSC Corporation LAN9313 Datasheet HTML 225Page - SMSC Corporation LAN9313 Datasheet HTML 226Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
222
SMSC LAN9313/LAN9313i
DATASHEET
13.1.7.8
Virtual PHY Special Control/Status Register (VPHY_SPECIAL_CONTROL_STATUS)
This read/write register contains a current link speed/duplex indicator and SQE control.
Offset:
Index (decimal):
1DCh
31
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
(See Note 13.44)
RO
-
15
RESERVED
RO
-
14
Switch Looopback MII
When set, transmissions from the switch fabric Port 0(External MII) are not
sent to the External MII. Instead, they are looped back into the switch
engine.
From the MAC viewpoint, this is effectively a FAR LOOPBACK.
If loopback is enabled during half-duplex operation, then the Enable Receive
Own Transmit bit in the Port x MAC Receive Configuration Register
(MAC_RX_CFG_x) must be set for this port. Otherwise, the switch fabric will
ignore receive activity when transmitting in half-duplex mode.
This mode works even if the Isolate bit of the Virtual PHY Basic Control
Register (VPHY_BASIC_CTRL) is set.
R/W
0b
13:8
RESERVED
RO
-
7
Switch Collision Test MII
When set, the collision signal to the switch fabric Port 0(External MII) is
active during transmission from the switch engine.
It is recommended that this bit be used only when using loopback mode.
R/W
0b
6:5
RESERVED
RO
-
4:2
Current Speed/Duplex Indication
This field indicates the current speed and duplex of the Virtual PHY link.
RO
Note 13.45
1
RESERVED
RO
-
0
SQEOFF
This bit enables/disables the Signal Quality Error (Heartbeat) test.
0: SQE test enabled
1: SQE test disabled
R/W
NASR
Note 13.46
Note 13.47
[4]
[3]
[2]
Speed
Duplex
0
0
0
RESERVED
0
0
1
10Mbps
half-duplex
0
1
0
100Mbps
half-duplex
0
1
1
RESERVED
1
0
0
RESERVED
1
0
1
10Mbps
full-duplex
1
1
0
100Mbps
full-duplex
1
1
1
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com