Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 225 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 225 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 221Page - SMSC Corporation LAN9313 Datasheet HTML 222Page - SMSC Corporation LAN9313 Datasheet HTML 223Page - SMSC Corporation LAN9313 Datasheet HTML 224Page - SMSC Corporation LAN9313 Datasheet HTML 225Page - SMSC Corporation LAN9313 Datasheet HTML 226Page - SMSC Corporation LAN9313 Datasheet HTML 227Page - SMSC Corporation LAN9313 Datasheet HTML 228Page - SMSC Corporation LAN9313 Datasheet HTML 229Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
225
Revision 1.2 (04-08-08)
DATASHEET
13.1.8.2
Byte Order Test Register (BYTE_TEST)
This read-only register can be used to determine the byte ordering of the current configuration.
Note:
This register can be read while the LAN9313/LAN9313i is in the not ready state. This register
can also be polled while the device is in the reset state without causing any damaging effects.
The returned data will be invalid since the serial interfaces are also in the reset state at this
time. However, the returned data will not match the normal valid data pattern during reset.
Note:
In SMI mode, either half of this register can be read without the need to read the other half.
Offset:
064h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Byte Test (BYTE_TEST)
This field reflects the current byte ordering
RO
87654321h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com