Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 227 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 227 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 223Page - SMSC Corporation LAN9313 Datasheet HTML 224Page - SMSC Corporation LAN9313 Datasheet HTML 225Page - SMSC Corporation LAN9313 Datasheet HTML 226Page - SMSC Corporation LAN9313 Datasheet HTML 227Page - SMSC Corporation LAN9313 Datasheet HTML 228Page - SMSC Corporation LAN9313 Datasheet HTML 229Page - SMSC Corporation LAN9313 Datasheet HTML 230Page - SMSC Corporation LAN9313 Datasheet HTML 231Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
227
Revision 1.2 (04-08-08)
DATASHEET
13.1.8.4
General Purpose Timer Configuration Register (GPT_CFG)
This read/write register configures the LAN9313/LAN9313i General Purpose Timer (GPT). The GPT
can be configured to generate host interrupts at the interval defined in this register. The current value
of the GPT can be monitored via the General Purpose Timer Count Register (GPT_CNT). Refer to
Section 11.1, "General Purpose Timer," on page 141 for additional information.
Offset:
08Ch
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:30
RESERVED
RO
-
29
General Purpose Timer Enable (TIMER_EN)
This bit enables the GPT. When set, the GPT enters the run state. When
cleared, the GPT is halted. On the 1 to 0 transition of this bit, the
GPT_LOAD field of this register will be preset to FFFFh.
0: GPT Disabled
1: GPT Enabled
R/W
0b
28:16
RESERVED
RO
-
15:0
General Purpose TImer Pre-Load (GPT_LOAD)
This value is pre-loaded into the GPT. This is the starting value of the GPT.
The timer will begin decrementing from this value when enabled.
R/W
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com