Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 229 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 229 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 225Page - SMSC Corporation LAN9313 Datasheet HTML 226Page - SMSC Corporation LAN9313 Datasheet HTML 227Page - SMSC Corporation LAN9313 Datasheet HTML 228Page - SMSC Corporation LAN9313 Datasheet HTML 229Page - SMSC Corporation LAN9313 Datasheet HTML 230Page - SMSC Corporation LAN9313 Datasheet HTML 231Page - SMSC Corporation LAN9313 Datasheet HTML 232Page - SMSC Corporation LAN9313 Datasheet HTML 233Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
229
Revision 1.2 (04-08-08)
DATASHEET
13.1.8.6
Free Running 25MHz Counter Register (FREE_RUN)
This read-only register reflects the current value of the free-running 25MHz counter. Refer to Section
11.2, "Free-Running Clock," on page 141 for additional information.
Offset:
09Ch
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Free Running Counter (FR_CNT)
This field reflects the current value of the free-running 32-bit counter. At
reset, the counter starts at zero and is incremented by one every 25MHz
cycle. When the maximum count has been reached, the counter will rollover
to zero and continue counting.
Note:
The free running counter can take up to 160nS to clear after a reset
event.
RO
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com