Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 233 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 233 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 229Page - SMSC Corporation LAN9313 Datasheet HTML 230Page - SMSC Corporation LAN9313 Datasheet HTML 231Page - SMSC Corporation LAN9313 Datasheet HTML 232Page - SMSC Corporation LAN9313 Datasheet HTML 233Page - SMSC Corporation LAN9313 Datasheet HTML 234Page - SMSC Corporation LAN9313 Datasheet HTML 235Page - SMSC Corporation LAN9313 Datasheet HTML 236Page - SMSC Corporation LAN9313 Datasheet HTML 237Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
233
Revision 1.2 (04-08-08)
DATASHEET
13.2.2.1
Port x PHY Basic Control Register (PHY_BASIC_CONTROL_x)
This read/write register is used to configure the Port x PHY.
Note:
This register is re-written in its entirety by the EEPROM Loader following the release of reset
or a RELOAD command. Refer to Section 8.2.4, "EEPROM Loader," on page 113 for additional
information.
Index (decimal):
0
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15
Reset (PHY_RST)
When set, this bit resets all the Port x PHY registers to their default state,
except those marked as NASR type. This bit is self clearing.
0: Normal operation
1: Reset
R/W
SC
0b
14
Loopback (PHY_LOOPBACK)
This bit enables/disables the loopback mode. When enabled, transmissions
from the switch fabric are not sent to network. Instead, they are looped back
into the switch fabric.
Note:
If loopback is enabled during half-duplex operation, then the
Enable Receive Own Transmit bit in the Port x MAC Receive
Configuration Register (MAC_RX_CFG_x) must be set for the
specified port. Otherwise, the switch fabric will ignore receive
activity when transmitting in half-duplex mode.
0: Loopback mode disabled (normal operation)
1: Loopback mode enabled
R/W
0b
13
Speed Select LSB (PHY_SPEED_SEL_LSB)
This bit is used to set the speed of the Port x PHY when the Auto-
Negotiation (PHY_AN) bit is disabled.
0: 10 Mbps
1: 100 Mbps
R/W
Note 13.51
12
Auto-Negotiation (PHY_AN)
This bit enables/disables Auto-Negotiation. When enabled, the Speed Select
LSB (PHY_SPEED_SEL_LSB) and Duplex Mode (PHY_DUPLEX) bits are
overridden.
0: Auto-Negotiation disabled
1: Auto-Negotiation enabled
R/W
Note 13.52
11
Power Down (PHY_PWR_DWN)
This bit controls the power down mode of the Port x PHY. After this bit is
cleared the PHY may auto-negotiate with it’s partner station. This process
can take up to a few seconds to complete. Once Auto-Negotiation is
complete, bit 5 (Auto-Negotiation Complete) of the Port x PHY Basic Status
Register (PHY_BASIC_STATUS_x) will be set.
Note:
The PHY_AN bit of this register must be cleared before setting this
bit.
0: Normal operation
1: General power down mode
R/W
0b
10
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com