Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 230 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 230 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 226Page - SMSC Corporation LAN9313 Datasheet HTML 227Page - SMSC Corporation LAN9313 Datasheet HTML 228Page - SMSC Corporation LAN9313 Datasheet HTML 229Page - SMSC Corporation LAN9313 Datasheet HTML 230Page - SMSC Corporation LAN9313 Datasheet HTML 231Page - SMSC Corporation LAN9313 Datasheet HTML 232Page - SMSC Corporation LAN9313 Datasheet HTML 233Page - SMSC Corporation LAN9313 Datasheet HTML 234Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
230
SMSC LAN9313/LAN9313i
DATASHEET
13.1.8.7
Reset Control Register (RESET_CTL)
This register contains software controlled resets.
Note:
This register can be read while the LAN9313/LAN9313i is in the not ready state. This register
can also be polled while the device is in the reset state without causing any damaging effects.
However, the returned data will be invalid since the serial interfaces are also in the reset state
at this time.
Note:
In SMI mode, either half of this register can be read without the need to read the other half.
Offset:
1F8h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:4
RESERVED
RO
-
3
Virtual PHY Reset (VPHY_RST)
Setting this bit resets the Virtual PHY. When the Virtual PHY is released from
reset, this bit is automatically cleared. All writes to this bit are ignored while
this bit is set.
Note:
This bit is not accessible via the EEPROM Loader.
R/W
SC
0b
2
Port 2 PHY Reset (PHY2_RST)
Setting this bit resets the Port 2 PHY. The internal logic automatically holds
the PHY reset for a minimum of 102uS. When the Port 2 PHY is released
from reset, this bit is automatically cleared. All writes to this bit are ignored
while this bit is set.
Note:
This bit is not accessible via the EEPROM Loader.
R/W
SC
0b
1
Port 1 PHY Reset (PHY1_RST)
Setting this bit resets the Port 1 PHY. The internal logic automatically holds
the PHY reset for a minimum of 102uS. When the Port 1 PHY is released
from reset, this bit is automatically cleared. All writes to this bit are ignored
while this bit is set.
Note:
This bit is not accessible via the EEPROM Loader.
R/W
SC
0b
0
Digital Reset (DIGITAL_RST)
Setting this bit resets the complete chip except the PLL, Virtual PHY, Port 1
PHY, and Port 2 PHY. The EEPROM Loader will automatically reload the
configuration following this reset, but will not reset the Virtual PHY, Port 1
PHY, or Port 2 PHY. If desired, the above PHY resets can be issued once
the device is configured. All system CSRs are reset except for any NASR
type bits. Any in progress EEPROM commands (including RELOAD) are
terminated.
When the chip is released from reset, this bit is automatically cleared. The
BYTE_TEST register should be polled to determine when the reset is
complete. All writes to this bit are ignored while this bit is set.
Note:
This bit is not accessible via the EEPROM Loader.
R/W
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com