Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 219 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 219 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 215Page - SMSC Corporation LAN9313 Datasheet HTML 216Page - SMSC Corporation LAN9313 Datasheet HTML 217Page - SMSC Corporation LAN9313 Datasheet HTML 218Page - SMSC Corporation LAN9313 Datasheet HTML 219Page - SMSC Corporation LAN9313 Datasheet HTML 220Page - SMSC Corporation LAN9313 Datasheet HTML 221Page - SMSC Corporation LAN9313 Datasheet HTML 222Page - SMSC Corporation LAN9313 Datasheet HTML 223Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
219
Revision 1.2 (04-08-08)
DATASHEET
Note 13.35
The reserved bits 31-16 are used to pad the register to 32-bits so that each register is on
a DWORD boundary. When accessed serially (through the MII management protocol), the
register is 16-bits wide.
Note 13.36
The emulated link partner does not support next page, always instantly sends its link code
word, never sends a fault, and does not support 100BASE-T4.
Note 13.37
The emulated link partner’s asymmetric/symmetric pause ability is based upon the values
of the Asymmetric Pause and Pause bits of the Virtual PHY Auto-Negotiation
Advertisement Register (VPHY_AN_ADV). Thus the emulated link partner always
accommodates the request of the Virtual PHY, as shown in Table 13.5. See Section 7.3.1,
"Virtual PHY Auto-Negotiation," on page 98 for additional information.
Note 13.38
The emulated link partner’s ability is based on the MII_DUPLEX pin, duplex_pol_strap_mii,
and speed_strap_mii, as well as on the Auto-Negotiation success. Table 13.6 defines the
default capabilities of the emulated link partner as a function of these signals. Configuration
strap values are latched upon the de-assertion of a chip-level reset as described in Section
4.2.4, "Configuration Straps," on page 45. For more information on the Virtual PHY auto-
negotiation, see Section 7.3.1, "Virtual PHY Auto-Negotiation," on page 98.
7
100BASE-X Half Duplex
This bit indicates the emulated link partner PHY 100BASE-X half duplex
capability.
0: 100BASE-X half duplex ability not supported
1: 100BASE-X half duplex ability supported
RO
Note 13.38
6
10BASE-T Full Duplex
This bit indicates the emulated link partner PHY 10BASE-T full duplex
capability.
0: 10BASE-T full duplex ability not supported
1: 10BASE-T full duplex ability supported
RO
Note 13.38
5
10BASE-T Half Duplex
This bit indicates the emulated link partner PHY 10BASE-T half duplex
capability.
0: 10BASE-T half duplex ability not supported
1: 10BASE-T half duplex ability supported
RO
Note 13.38
4:0
Selector Field
This field identifies the type of message being sent by Auto-Negotiation.
00001: IEEE 802.3
RO
00001b
Table 13.5 Emulated Link Partner Pause Flow Control Ability Default Values
VPHY Symmetric
Pause
(register 4.10)
VPHY Asymmetric
Pause
(register 4.11)
Link Partner
Symmetric Pause
(register 5.10)
Link Partner
Asymmetric Pause
(register 5.11)
No Flow Control Enabled
0
0
0
0
Symmetric Pause
1
0
1
0
Asymmetric Pause Towards
Switch
01
1
1
Asymmetric Pause Towards MAC
1
1
0
1
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com