Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 252 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 252 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 248Page - SMSC Corporation LAN9313 Datasheet HTML 249Page - SMSC Corporation LAN9313 Datasheet HTML 250Page - SMSC Corporation LAN9313 Datasheet HTML 251Page - SMSC Corporation LAN9313 Datasheet HTML 252Page - SMSC Corporation LAN9313 Datasheet HTML 253Page - SMSC Corporation LAN9313 Datasheet HTML 254Page - SMSC Corporation LAN9313 Datasheet HTML 255Page - SMSC Corporation LAN9313 Datasheet HTML 256Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
252
SMSC LAN9313/LAN9313i
DATASHEET
13.2.2.13
Port x PHY Special Control/Status Register (PHY_SPECIAL_CONTROL_STATUS_x)
This read/write register is used to control and monitor various options of the Port x PHY.
Index (decimal):
31
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15:13
RESERVED
RO
-
12
Autodone
This bit indicates the status of the Auto-Negotiation on the Port x PHY.
0: Auto-Negotiation is not completed, is disabled, or is not active
1: Auto-Negotiation is completed
RO
0b
11:5
RESERVED
RO
-
4:2
Speed Indication
This field indicates the current Port x PHY speed configuration.
RO
000b
1:0
RESERVED
R/W
0b
STATE
DESCRIPTION
000
RESERVED
001
10BASE-T Half-duplex
010
100BASE-TX Half-duplex
011
RESERVED
100
RESERVED
101
10BASE-T Full-duplex
110
100BASE-TX Full-duplex
111
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com