Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 254 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 254 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 250Page - SMSC Corporation LAN9313 Datasheet HTML 251Page - SMSC Corporation LAN9313 Datasheet HTML 252Page - SMSC Corporation LAN9313 Datasheet HTML 253Page - SMSC Corporation LAN9313 Datasheet HTML 254Page - SMSC Corporation LAN9313 Datasheet HTML 255Page - SMSC Corporation LAN9313 Datasheet HTML 256Page - SMSC Corporation LAN9313 Datasheet HTML 257Page - SMSC Corporation LAN9313 Datasheet HTML 258Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
254
SMSC LAN9313/LAN9313i
DATASHEET
0414h
MAC_RX_256_TO_511_CNT_MII
Port 0 MAC Receive 256 to 511 Byte Count Register,
Section 13.3.2.7
0415h
MAC_RX_512_TO_1023_CNT_MII
Port 0 MAC Receive 512 to 1023 Byte Count Register,
Section 13.3.2.8
0416h
MAC_RX_1024_TO_MAX_CNT_MII
Port 0 MAC Receive 1024 to Max Byte Count Register,
Section 13.3.2.9
0417h
MAC_RX_OVRSZE_CNT_MII
Port 0 MAC Receive Oversize Count Register,
Section 13.3.2.10
0418h
MAC_RX_PKTOK_CNT_MII
Port 0 MAC Receive OK Count Register, Section 13.3.2.11
0419h
MAC_RX_CRCERR_CNT_MII
Port 0 MAC Receive CRC Error Count Register,
Section 13.3.2.12
041Ah
MAC_RX_MULCST_CNT_MII
Port 0 MAC Receive Multicast Count Register,
Section 13.3.2.13
041Bh
MAC_RX_BRDCST_CNT_MII
Port 0 MAC Receive Broadcast Count Register,
Section 13.3.2.14
041Ch
MAC_RX_PAUSE_CNT_MII
Port 0 MAC Receive Pause Frame Count Register,
Section 13.3.2.15
041Dh
MAC_RX_FRAG_CNT_MII
Port 0 MAC Receive Fragment Error Count Register,
Section 13.3.2.16
041Eh
MAC_RX_JABB_CNT_MII
Port 0 MAC Receive Jabber Error Count Register,
Section 13.3.2.17
041Fh
MAC_RX_ALIGN_CNT_MII
Port 0 MAC Receive Alignment Error Count Register,
Section 13.3.2.18
0420h
MAC_RX_PKTLEN_CNT_MII
Port 0 MAC Receive Packet Length Count Register,
Section 13.3.2.19
0421h
MAC_RX_GOODPKTLEN_CNT_MII
Port 0 MAC Receive Good Packet Length Count Register,
Section 13.3.2.20
0422h
MAC_RX_SYMBL_CNT_MII
Port 0 MAC Receive Symbol Error Count Register,
Section 13.3.2.21
0423h
MAC_RX_CTLFRM_CNT_MII
Port 0 MAC Receive Control Frame Count Register,
Section 13.3.2.22
0424h-043Fh
RESERVED
Reserved for Future Use
0440h
MAC_TX_CFG_MII
Port 0 MAC Transmit Configuration Register, Section 13.3.2.23
0441h
MAC_TX_FC_SETTINGS_MII
Port 0 MAC Transmit Flow Control Settings Register,
Section 13.3.2.24
0442h-0450h
RESERVED
Reserved for Future Use
0451h
MAC_TX_DEFER_CNT_MII
Port 0 MAC Transmit Deferred Count Register,
Section 13.3.2.25
0452h
MAC_TX_PAUSE_CNT_MII
Port 0 MAC Transmit Pause Count Register, Section 13.3.2.26
0453h
MAC_TX_PKTOK_CNT_MII
Port 0 MAC Transmit OK Count Register, Section 13.3.2.27
0454h
MAC_TX_64_CNT_MII
Port 0 MAC Transmit 64 Byte Count Register, Section 13.3.2.28
Table 13.12 Indirectly Accessible Switch Control and Status Registers (continued)
REGISTER #
SYMBOL
REGISTER NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com