Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 253 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 253 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 249Page - SMSC Corporation LAN9313 Datasheet HTML 250Page - SMSC Corporation LAN9313 Datasheet HTML 251Page - SMSC Corporation LAN9313 Datasheet HTML 252Page - SMSC Corporation LAN9313 Datasheet HTML 253Page - SMSC Corporation LAN9313 Datasheet HTML 254Page - SMSC Corporation LAN9313 Datasheet HTML 255Page - SMSC Corporation LAN9313 Datasheet HTML 256Page - SMSC Corporation LAN9313 Datasheet HTML 257Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
253
Revision 1.2 (04-08-08)
DATASHEET
13.3
Switch Fabric Control and Status Registers
This section details the various LAN9313/LAN9313i switch control and status registers that reside
within the switch fabric. The switch control and status registers allow configuration of each individual
switch port, the switch engine, and buffer manager. Switch fabric related interrupts and resets are also
controlled and monitored via the switch CSRs.
The switch CSRs are not memory mapped. All switch CSRs are accessed indirectly via the Switch
Fabric CSR Interface Command Register (SWITCH_CSR_CMD), Switch Fabric CSR Interface Data
Register (SWITCH_CSR_DATA), and Switch Fabric CSR Interface Direct Data Register
(SWITCH_CSR_DIRECT_DATA) in the system CSR memory mapped address space. All accesses to
the switch CSRs must be performed through these registers. Refer to Section 13.1.5, "Switch Fabric"
for additional information.
Note:
The flow control settings of the switch ports are configured via the Switch Fabric registers: Port
1 Manual Flow Control Register (MANUAL_FC_1), Port 2 Manual Flow Control Register
(MANUAL_FC_2), and Port 0(External MII) Manual Flow Control Register (MANUAL_FC_MII)
located in the system CSR address space.
Table 13.12 lists the Switch CSRs and their corresponding addresses in order. The switch fabric
registers can be categorized into the following sub-sections:
Section 13.3.1, "General Switch CSRs," on page 264
Section 13.3.2, "Switch Port 0, Port 1, and Port 2 CSRs," on page 268
Section 13.3.3, "Switch Engine CSRs," on page 312
Section 13.3.4, "Buffer Manager CSRs," on page 357
Table 13.12 Indirectly Accessible Switch Control and Status Registers
REGISTER #
SYMBOL
REGISTER NAME
General Switch CSRs
0000h
SW_DEV_ID
Switch Device ID Register, Section 13.3.1.1
0001h
SW_RESET
Switch Reset Register, Section 13.3.1.2
0002h-0003h
RESERVED
Reserved for Future Use
0004h
SW_IMR
Switch Global Interrupt Mask Register, Section 13.3.1.3
0005h
SW_IPR
Switch Global Interrupt Pending Register, Section 13.3.1.4
0006h-03FFh
RESERVED
Reserved for Future Use
Switch Port 0 CSRs
0400h
MAC_VER_ID_MII
Port 0 MAC Version ID Register, Section 13.3.2.1
0401h
MAC_RX_CFG_MII
Port 0 MAC Receive Configuration Register, Section 13.3.2.2
0402h-040Fh
RESERVED
Reserved for Future Use
0410h
MAC_RX_UNDSZE_CNT_MII
Port 0 MAC Receive Undersize Count Register,
Section 13.3.2.3
0411h
MAC_RX_64_CNT_MII
Port 0 MAC Receive 64 Byte Count Register, Section 13.3.2.4
0412h
MAC_RX_65_TO_127_CNT_MII
Port 0 MAC Receive 65 to 127 Byte Count Register,
Section 13.3.2.5
0413h
MAC_RX_128_TO_255_CNT_MII
Port 0 MAC Receive 128 to 255 Byte Count Register,
Section 13.3.2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com