Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 384 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 384 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 380Page - SMSC Corporation LAN9313 Datasheet HTML 381Page - SMSC Corporation LAN9313 Datasheet HTML 382Page - SMSC Corporation LAN9313 Datasheet HTML 383Page - SMSC Corporation LAN9313 Datasheet HTML 384Page - SMSC Corporation LAN9313 Datasheet HTML 385Page - SMSC Corporation LAN9313 Datasheet HTML 386Page - SMSC Corporation LAN9313 Datasheet HTML 387Page - SMSC Corporation LAN9313 Datasheet HTML 388Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
384
SMSC LAN9313/LAN9313i
DATASHEET
13.3.4.27
Buffer Manager Interrupt Pending Register (BM_IPR)
This register contains the Buffer Manager interrupt status. The status is double buffered. All interrupts
in this register may be masked via the Buffer Manager Interrupt Mask Register (BM_IMR) register.
Refer to Chapter 5, "System Interrupts," on page 52 for more information.
Register #:
1C21h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:14
RESERVED
RO
-
13:10
Drop Reason B
When bit 7 is set, these bits indicate the reason a packet was dropped per
the table below:
RC
0h
9:8
Source Port B
When bit 7 is set, these bits indicate the source port on which the packet
was dropped.
00 = Port 0
01 = Port 1
10 = Port 2
11 = RESERVED
RC
00b
7
Status B Pending
When set, bits 13:8 are valid.
RC
0b
BIT
VALUES
DESCRIPTION
0000
The destination address was not in the ALR table (unknown or broadcast), and
the Broadcast Buffer Level was exceeded.
0001
Drop on Red was set and the packet was colored Red.
0010
There were no buffers available.
0011
There were no memory descriptors available.
0100
The destination address was not in the ALR table (unknown or broadcast) and
there were no valid destination ports.
0101
The packet had a receive error and was >64 bytes
0110
The Buffer Drop Level was exceeded.
0111
RESERVED
1000
RESERVED
1001
Drop on Yellow was set, the packet was colored Yellow and was randomly
selected to be dropped.
1010
RESERVED
1011
RESERVED
1100
RESERVED
1101
RESERVED
1110
RESERVED
1111
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com