Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 387 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 387 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 383Page - SMSC Corporation LAN9313 Datasheet HTML 384Page - SMSC Corporation LAN9313 Datasheet HTML 385Page - SMSC Corporation LAN9313 Datasheet HTML 386Page - SMSC Corporation LAN9313 Datasheet HTML 387Page - SMSC Corporation LAN9313 Datasheet HTML 388Page - SMSC Corporation LAN9313 Datasheet HTML 389Page - SMSC Corporation LAN9313 Datasheet HTML 390Page - SMSC Corporation LAN9313 Datasheet HTML 391Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
387
Revision 1.2 (04-08-08)
DATASHEET
14.3
Power Consumption
This section details the power consumption of the LAN9313/LAN9313i. Power consumption values are
provided for both the device-only, and for the device plus the Ethernet components on ports 1 and 2.
Note 14.5
Over the conditions specified in Section 14.2, "Operating Conditions**".
Note:
Power dissipation is determined by operating frequency, temperature, and supply voltage, as
well as external source/sink current requirements.
Table 14.1 Supply and Current (10BASE-T Full-Duplex)
PARAMETER
TYPICAL
(@ 3.3V)
MAXIMUM
(@ 3.6V)
UNIT
Supply current at 3.3V
(VDD33A1, VDD33A2, VDD33BIAS, VDD33IO)
135
155
mA
Power Dissipation (Device Only)
445
565
mW
Power Dissipation (Device and Ethernet components)
1140
1330
mW
Ambient Operating Temperature in Still Air (TA)25
Note 14.5
oC
Table 14.2 Supply and Current (100BASE-TX Full-Duplex)
PARAMETER
TYPICAL
(@ 3.3V)
MAXIMUM
(@ 3.6V)
UNIT
Supply current
(VDD33A1, VDD33A2, VDD33BIAS, VDD33IO)
230
270
mA
Power Dissipation (Device Only)
760
980
mW
Power Dissipation (Device and Ethernet components)
1045
1295
mW
Ambient Operating Temperature in Still Air (TA)25
Note 14.5
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com