Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 389 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 389 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 385Page - SMSC Corporation LAN9313 Datasheet HTML 386Page - SMSC Corporation LAN9313 Datasheet HTML 387Page - SMSC Corporation LAN9313 Datasheet HTML 388Page - SMSC Corporation LAN9313 Datasheet HTML 389Page - SMSC Corporation LAN9313 Datasheet HTML 390Page - SMSC Corporation LAN9313 Datasheet HTML 391Page - SMSC Corporation LAN9313 Datasheet HTML 392Page - SMSC Corporation LAN9313 Datasheet HTML 393Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
389
Revision 1.2 (04-08-08)
DATASHEET
Note 14.8
Measured at line side of transformer, line replaced by 100
Ω (+/- 1%) resistor.
Note 14.9
Offset from 16nS pulse width at 50% of pulse peak.
Note 14.10
Measured differentially.
Note 14.11
Min/max voltages guaranteed as measured with 100
Ω resistive load.
14.5
AC Specifications
This section details the various AC timing specifications of the LAN9313/LAN9313i.
Note:
The I2C timing adheres to the Philips I2C-Bus Specification. Refer to the Philips I2C-Bus
Specification
for detailed I2C timing information.
Note:
The MII/SMI timing adheres to the IEEE 802.3 specification. Refer to the IEEE 802.3
specification for detailed MII timing information.
14.5.1
Equivalent Test Load
Output timing specifications assume the 25pF equivalent test load illustrated in Figure 14.1 below.
Overshoot and Undershoot
VOS
--
5
%
Jitter
1.4
nS
Note 14.10
Table 14.5 10BASE-T Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Transmitter Peak Differential Output Voltage
VOUT
2.2
2.5
2.8
V
Note 14.11
Receiver Differential Squelch Threshold
VDS
300
420
585
mV
Figure 14.1 Output Equivalent Test Load
Table 14.4 100BASE-TX Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
25 pF
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com