Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 392 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 392 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 388Page - SMSC Corporation LAN9313 Datasheet HTML 389Page - SMSC Corporation LAN9313 Datasheet HTML 390Page - SMSC Corporation LAN9313 Datasheet HTML 391Page - SMSC Corporation LAN9313 Datasheet HTML 392Page - SMSC Corporation LAN9313 Datasheet HTML 393Page - SMSC Corporation LAN9313 Datasheet HTML 394Page - SMSC Corporation LAN9313 Datasheet HTML 395Page - SMSC Corporation LAN9313 Datasheet HTML 396Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
392
SMSC LAN9313/LAN9313i
DATASHEET
14.5.4
Microwire Timing
This section specifies the Microwire EEPROM interface timing requirements. Please refer to Section
8.2.3, "Microwire EEPROM," on page 108 for a functional description of this serial interface.
Figure 14.4 Microwire Timing
Table 14.8 Microwire Timing Values
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tckcyc
EECLK cycle time
1110
1130
nS
tckh
EECLK high time
550
570
nS
tckl
EECLK low time
550
570
nS
tcshckh
EECS high before rising edge of EECLK
1070
nS
tcklcsl
EECLK falling edge to EECS low
30
nS
tdvckh
EEDO valid before rising edge of EECLK
550
nS
tckhdis
EEDO disable after rising edge of EECLK
550
nS
tdsckh
EEDI setup to rising edge of EECLK
90
nS
tdhckh
EEDI hold after rising edge of EECLK
0
nS
tckldis
EECLK low to EEDO data disable
580
nS
tcshdv
EEDI valid after EECS high (VERIFY)
600
nS
tdhcsl
EEDI hold after EECS low (VERIFY)
0
nS
tcsl
EECS low
1070
nS
EECLK
EEDO
EEDI
EECS
tckldis
tcshckh
EEDI (VERIFY)
tckh
tckl
tckcyc
tcklcsl
tcsl
tdvckh tckhdis
tdsckh
tdhckh
tdhcsl
tcshdv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com