Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 393 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 393 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 389Page - SMSC Corporation LAN9313 Datasheet HTML 390Page - SMSC Corporation LAN9313 Datasheet HTML 391Page - SMSC Corporation LAN9313 Datasheet HTML 392Page - SMSC Corporation LAN9313 Datasheet HTML 393Page - SMSC Corporation LAN9313 Datasheet HTML 394Page - SMSC Corporation LAN9313 Datasheet HTML 395Page - SMSC Corporation LAN9313 Datasheet HTML 396Page - SMSC Corporation LAN9313 Datasheet HTML 397Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
393
Revision 1.2 (04-08-08)
DATASHEET
14.5.5
SPI Slave Timing
This section specifies the SPI slave interface timing requirements. Please refer to Section 8.4, "SPI
Slave Operation," on page 118 for a functional description of this serial interface.
Figure 14.5 SPI Slave Timing
Table 14.9 SPI Slave Timing Values
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
fsck
SCK clock frequency
10
MHz
thigh
SCK high time
40
nS
tlow
SCK low time
40
nS
tnscss
nSCS setup time
50
nS
tnscsh
nSCS hold time
80
nS
tsu
Data input setup time
10
nS
thd
Data input hold time
20
nS
tv
Data output valid time
40
nS
tho
Data output hold time
0
nS
tdis
Data output disable time
40
nS
SCK
SI
SO
nSCS
tnscss
thigh
tlow
tdis
tnscsh
tsu thd
tho
tv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com