Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 394 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 394 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 390Page - SMSC Corporation LAN9313 Datasheet HTML 391Page - SMSC Corporation LAN9313 Datasheet HTML 392Page - SMSC Corporation LAN9313 Datasheet HTML 393Page - SMSC Corporation LAN9313 Datasheet HTML 394Page - SMSC Corporation LAN9313 Datasheet HTML 395Page - SMSC Corporation LAN9313 Datasheet HTML 396Page - SMSC Corporation LAN9313 Datasheet HTML 397Page - SMSC Corporation LAN9313 Datasheet HTML 398Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 394 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
394
SMSC LAN9313/LAN9313i
DATASHEET
14.6
Clock Circuit
The LAN9313/LAN9313i can accept either a 25MHz crystal (preferred) or a 25MHz single-ended clock
oscillator (+/- 50ppm) input. If the single-ended clock oscillator method is implemented, XO should be
left unconnected and XI should be driven with a nominal 0-3.3V clock signal. The input clock duty cycle
is 40% minimum, 50% typical and 60% maximum.
It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal
input/output signals (XI/XO). See Table 14.10 for crystal specifications.
Note 14.12
The maximum allowable values for Frequency Tolerance and Frequency Stability are
application dependant. Since any particular application must meet the IEEE +/-50 PPM
Total PPM Budget, the combination of these two values must be approximately +/-45 PPM
(allowing for aging).
Note 14.13
Frequency Deviation Over Time is also referred to as Aging.
Note 14.14
The total deviation for the Transmitter Clock Frequency is specified by IEEE 802.3 as
+/- 50 PPM.
Note 14.15
This number includes the pad, the bond wire and the lead frame. PCB capacitance is not
included in this value. The XO/XI pin and PCB capacitance values are required to
accurately calculate the value of the two external load capacitors. These two external load
capacitors determine the accuracy of the 25.000 MHz frequency.
Note 14.16
+70oC for commercial version (LAN9313), +85oC for industrial version (LAN9313I)
Table 14.10 LAN9313/LAN9313i Crystal Specifications
PARAMETER
SYMBOL
MIN
NOM
MAX
UNITS
NOTES
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
25.000
-
MHz
Frequency Tolerance @ 25oCFtol
-
-
+/-50
PPM
Note 14.12
Frequency Stability Over Temp
Ftemp
-
-
+/-50
PPM
Note 14.12
Frequency Deviation Over Time
Fage
-
+/-3 to 5
-
PPM
Note 14.13
Total Allowable PPM Budget
-
-
+/-50
PPM
Note 14.14
Shunt Capacitance
CO
-7 typ-
pF
Load Capacitance
CL
-
20 typ
-
pF
Drive Level
PW
0.5
-
-
mW
Equivalent Series Resistance
R1
--
30
Ohm
Operating Temperature Range
0
-
+70Note 1
4.16
oC
n/a XI Pin Capacitance
-
3 typ
-
pF
Note 14.15
n/a XO Pin Capacitance
-
3 typ
-
pF
Note 14.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com