Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 386 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 386 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 382Page - SMSC Corporation LAN9313 Datasheet HTML 383Page - SMSC Corporation LAN9313 Datasheet HTML 384Page - SMSC Corporation LAN9313 Datasheet HTML 385Page - SMSC Corporation LAN9313 Datasheet HTML 386Page - SMSC Corporation LAN9313 Datasheet HTML 387Page - SMSC Corporation LAN9313 Datasheet HTML 388Page - SMSC Corporation LAN9313 Datasheet HTML 389Page - SMSC Corporation LAN9313 Datasheet HTML 390Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
386
SMSC LAN9313/LAN9313i
DATASHEET
Chapter 14 Operational Characteristics
14.1
Absolute Maximum Ratings*
Supply Voltage (VDD33A1, VDD33A2, VDD33BIAS, VDD33IO) (Note 14.1) . . . . . . . . . . . 0V to +3.6V
Positive voltage on signal pins, with respect to ground (Note 14.2) . . . . . . . . . . . . . . . . . . . . . . . . . +6V
Negative voltage on signal pins, with respect to ground (Note 14.3) . . . . . . . . . . . . . . . . . . . . . . . -0.5V
Positive voltage on XI, with respect to ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.6V
Positive voltage on XO, with respect to ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.5V
Ambient Operating Temperature in Still Air (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 14.4
Storage Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55oC to +150oC
Lead Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Refer to JEDEC Spec. J-STD-020
HBM ESD Performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ..+/- 5kV
Note 14.1
When powering this device from laboratory or system power supplies, it is important that
the absolute maximum ratings not be exceeded or device failure can result. Some power
supplies exhibit voltage spikes on their outputs when AC power is switched on or off. In
addition, voltage transients on the AC power line may appear on the DC output. If this
possibility exists, it is suggested that a clamp circuit be used.
Note 14.2
This rating does not apply to the following pins: XI, XO, EXRES.
Note 14.3
This rating does not apply to the following pins: EXRES.
Note 14.4
0oC to +70oC for commercial version (LAN9313), -40oC to +85oC for industrial version
(LAN9313I)
*Stresses exceeding those listed in this section could cause permanent damage to the device. This is
a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. Functional operation of the device at any condition exceeding those indicated in
Section 14.2, "Operating Conditions**", Section 14.4, "DC Specifications", or any other applicable
section of this specification is not implied. Note, device signals are NOT 5 volt tolerant.
14.2
Operating Conditions**
Supply Voltage (VDD33A1, VDD33A2, VDD33BIAS, VDD33IO). . . . . . . . . . . . . . . . . +3.3V +/- 300mV
Ambient Operating Temperature in Still Air (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 14.4
**Proper operation of the LAN9313/LAN9313i is guaranteed only within the ranges specified in this
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com