| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 107 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 107 Page - Infineon Technologies AG |
|
107 / 517 page ![]() C167CS Derivatives Interrupt and Trap Functions User’s Manual 5-24 V2.0, 2000-07 • When internal hold conditions between instruction pairs N – 2/N– 1 or N – 1/N occur, the minimum PEC response time may be extended by 1 state time for each of these conditions. • When instruction N reads an operand from the internal code memory, or when N is a call, return, trap, or MOV Rn, [Rm+ #data16] instruction, the minimum PEC response time may additionally be extended by 2 state times during internal code memory program execution. • In case instruction N reads the PSW and instruction N – 1 has an effect on the condition flags, the PEC response time may additionally be extended by 2 state times. The worst case PEC response time during internal code memory program execution adds to 9 state times (18 TCL). Any reference to external locations increases the PEC response time due to pipeline related access priorities. The following conditions have to be considered: • Instruction fetch from an external location • Operand read from an external location • Result write-back to an external location Depending on where the instructions, source and destination operands are located, there are a number of combinations. Note, however, that only access conflicts contribute to the delay. A few examples illustrate these delays: • The worst case interrupt response time including external accesses will occur, when instructions N and N + 1 are executed out of external memory, instructions N – 1 and N require external operand read accesses and instructions N – 3, N – 2 and N – 1 write back external operands. In this case the PEC response time is the time to perform 7 word bus accesses. • When instructions N and N + 1 are executed out of external memory, but all operands for instructions N – 3 through N – 1 are in internal memory, then the PEC response time is the time to perform 1 word bus access plus 2 state times. Once a request for PEC service has been acknowledged by the CPU, the execution of the next instruction is delayed by 2 state times plus the additional time it might take to fetch the source operand from internal code memory or external memory and to write the destination operand over the external bus in an external program environment. Note: A bus access in this context includes all delays which can occur during an external bus cycle. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |