Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 111 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 111 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 107Page - Infineon Technologies AG C167CS Datasheet HTML 108Page - Infineon Technologies AG C167CS Datasheet HTML 109Page - Infineon Technologies AG C167CS Datasheet HTML 110Page - Infineon Technologies AG C167CS Datasheet HTML 111Page - Infineon Technologies AG C167CS Datasheet HTML 112Page - Infineon Technologies AG C167CS Datasheet HTML 113Page - Infineon Technologies AG C167CS Datasheet HTML 114Page - Infineon Technologies AG C167CS Datasheet HTML 115Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 517 page
background image
C167CS
Derivatives
Interrupt and Trap Functions
User’s Manual
5-28
V2.0, 2000-07
Fast External Interrupts
The input pins that may be used for external interrupts are sampled every 16 TCL, i.e.
external events are scanned and detected in timeframes of 16 TCL (8 TCL for CAPIN).
The C167CS provides 8 interrupt inputs that are sampled every 2 TCL, so external
events are captured faster than with standard interrupt inputs.
The upper 8 pins of Port 2 (P2.15-P2.8) can individually be programmed to this fast
interrupt mode, where also the trigger transition (rising, falling or both) can be selected.
The External Interrupt Control register EXICON controls this feature for all 8 pins.
Note: The fast external interrupt inputs are sampled every 2 TCL. The interrupt request
arbitration and processing, however, is executed every 8 TCL.
These fast external interrupts use the interrupt nodes and vectors of the CAPCOM
channels CC8-CC15, so the capture/compare function cannot be used on the respective
Port 2 pins (with EXIxES
≠ 00
B). However, general purpose IO is possible in all cases.
EXICON
Ext. Interrupt Control Reg.
ESFR (F1C0H/E0H)
Reset Value: 0000H
15
14
13
12
11
10
98765
43210
EXI7ES
EXI6ES
EXI5ES
EXI4ES
EXI3ES
EXI2ES
EXI1ES
EXI0ES
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
EXIxES
External Interrupt x Edge Selection Field (x = 7 … 0)
0 0:
Fast external interrupts disabled: standard mode
0 1:
Interrupt on positive edge (rising)
1 0:
Interrupt on negative edge (falling)
1 1:
Interrupt on any edge (rising or falling)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com