Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 128Page - Renesas Technology Corp 38D2 Datasheet HTML 129Page - Renesas Technology Corp 38D2 Datasheet HTML 130Page - Renesas Technology Corp 38D2 Datasheet HTML 131Page - Renesas Technology Corp 38D2 Datasheet HTML 132Page - Renesas Technology Corp 38D2 Datasheet HTML 133Page - Renesas Technology Corp 38D2 Datasheet HTML 134Page - Renesas Technology Corp 38D2 Datasheet HTML 135Page - Renesas Technology Corp 38D2 Datasheet HTML 136Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 132 / 136 page
background image
(1/4)
REVISION HISTORY
38D2 Group Datasheet
Rev.
Date
Description
Page
Summary
1.00
Jan. 23, 2006
−
First edition issued
2.00
Mar. 24, 2006
1
FEATURES : Description of reset circuit eliminated and Power source voltage
revised.
3
Performance overview: Oscillation frequency and Power source voltage revised.
4
FUNCTIONAL BLOCK DIAGRAM : Description of reset circuit eliminated.
7
Fig. 4 and Table 3 38D29GC, 38D29G8 added.
12
Fig. 9 Memory map diagram revised.
15
Table 7 Non-port function of port P54
−P57 revised.
Related SFRs of port P40 and P41 revised.
18
Fig. 15 (18) Port P61 revised.
26
Fig. 22 Timer 12 mode register revised.
29
Notes on Timer X: (1), (2) revised.
32
• Real Time Port Control revised.
36
Fig. 32 UART control register revised.
38
Fig. 34 Note 1 revised.
42
Fig. 38 Note 2 revised.
48
Fig. 46 Memory map revised.
49
Note 1 revised.
50
Clock output function revised.
51
Reset circuit revised.
53
(1)Stop mode: Description revised.
54
Fig. 58
φSOURCE added.
55
Fig. 60 State transitions of system clock: Note 3 revised.
56
Address of oscillation ouput control register revised.
60
Fig. 64 Connection of XIN and XOUT revised.
65-75
Electrical characteristics added.
2.01
Nov. 15, 2006
1
DESCRIOTION revised
Power dissipation described.
3
Main clock / Sub-clock generating circuits: Built-in feed back resistor
→ Built-in
Power dissipation described.
5AVSS: GND input pin
→ Analog power source input pin
12
ROM and ROM Code Protect Address : Description revised.
Fig. 9 is revised.
15
Table 7 : As for CKOUT, non-port function and related SFRs are added.
19
Termination of unused pins : As for I/O ports, description added.
VL3 : Terminations 1 and 2 revised.
25
Timer 1, Timer 2 : Description revised.
28
Timer X : Description revised.
29
Fig. 24 : TXCON1 bit 5 = 1
→ TXCON1 bit 5 = 0
31
Timer Y : Description revised.
Fig. 26 : Note added.
37
Fig. 33 : Note and
φ source added.
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com