Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 128Page - Renesas Technology Corp 38D2 Datasheet HTML 129Page - Renesas Technology Corp 38D2 Datasheet HTML 130Page - Renesas Technology Corp 38D2 Datasheet HTML 131Page - Renesas Technology Corp 38D2 Datasheet HTML 132Page - Renesas Technology Corp 38D2 Datasheet HTML 133Page - Renesas Technology Corp 38D2 Datasheet HTML 134Page - Renesas Technology Corp 38D2 Datasheet HTML 135Page - Renesas Technology Corp 38D2 Datasheet HTML 136Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 134 / 136 page
background image
(3/4)
REVISION HISTORY
38D2 Group Datasheet
3.01
Sep.18, 2007
35
“(6) Pulse Width Measurement Mode” is revised
36
“(3) Write To Timer X” is revised
37
“(7) When Timer X Pulse Width Measurement Mode Used”
38
“(5) Real Time Port Control” is added
39
“Notes on Timer Y” is revised
44
“Conparator and Control Circuit” is revised
45
Fig. 37: Revised
“ADKEY Control Circuit” is revised
56
“Initial value of watchdog timer” is revised
“Bit 6 of Watchdog Timer Control Register” and “<Notes>” are revised
Fig. 51: Revised
Fig. 52: Revised
57
Fig. 54: Revised
“[RRF register (RRFR)]” is added
58
Explaination is revised
Fig. 56: revised
Fig. 57: Notes are added
59
Fig. 58: Revised
60
Explanation is revised
62
Fig. 61: Revised
63
Fig. 62: Revised
65
Table 14: Revised
71-88
“Flash Memory Mode” is added
89
Revised to “Notes on Use” from “Notes on Programming” contents
90
Added “NOTES on QzROM VERSION”
91
Added “NOTES on FLASH MEMORY VERSION” and “NOTES ON DIFFERENCES
BETWEEN QzROM VERSION AND FLASH MEMORY VERSION”
94
Table 21: Revised
95-101
Table 22 to 29: “VSS=0V” are added to condition
95
Table 22: VIL of XCIN is deleted
98
Table 25: “VCC = 4.0 t
o 5.0 V”
→ “VCC = 1.8 to 5.5 V”
100
Table 28:
• ABS of 10bitAD mode
“2.2V < VCC ≤ 4.0V”
→ “2.2V ≤ VCC ≤ 4.0V”
“1.8V
≤ VCC ≤ 5.5V” → “2.0V ≤ VCC ≤ 5.5V”
• ABS of 8bitAD mode
“2.2V < VCC ≤ 4.0V”
→ “2.2V ≤ VCC ≤ 4.0V”
“1.8V
≤ VCC ≤ 5.5V” → “2.0V ≤ VCC ≤ 5.5V”
•tCONV is separated to 10bitAD mode and 8bitADmode, and note is added
102
Table 30: TC, TwH, and TwL of XIN
“4.5 V to 5.5 V”
→ “4.5V ≤ VCC ≤ 5.5V”
“4.0 V to 5.5 V”
→ “4.0V ≤ VCC ≤ 5.5V”
Table 31: TC of XIN and CNTR, and TwH and TwL of XIN
“2.0V < VCC ≤ 4.0V”
→ “2.0V ≤ VCC ≤ 4.0V”
“VCC ≤ 2.0V”
→ “VCC < 2.0V”
104
Fig. 95: XCIN timing is deleted
105-115 Flash memory version electrical characteristics is added
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com