Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 128Page - Renesas Technology Corp 38D2 Datasheet HTML 129Page - Renesas Technology Corp 38D2 Datasheet HTML 130Page - Renesas Technology Corp 38D2 Datasheet HTML 131Page - Renesas Technology Corp 38D2 Datasheet HTML 132Page - Renesas Technology Corp 38D2 Datasheet HTML 133Page - Renesas Technology Corp 38D2 Datasheet HTML 134Page - Renesas Technology Corp 38D2 Datasheet HTML 135Page - Renesas Technology Corp 38D2 Datasheet HTML 136Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 133 / 136 page
background image
(2/4)
REVISION HISTORY
38D2 Group Datasheet
2.01
Nov. 15, 2006
42
LCD Power Circuit
• Description added
• Fig. 38 : Note 3 eliminated
• Fig. 39 : Bit name described
48
Fig. 46 : Reserved ROM area address revised.
ROM CORRECTION FUNCTION : Description added.
49
Fig. 48 : On-chip oscillator
→ On-chip oscillator/4
Note added.
Fig. 49 : On-chip oscillator
→ On-chip oscillator/4
φ source/1024 → Count sorce/1024
φ source/4 → Count sorce/4
53
(5) Low-speed Mode : Description added
54
Fig. 58 : Note added and circuit expression is revised.
56
Fig. 61 : Circuit expression is revised.
57
Table 12: As for VREF and AVSS, function revised.
59 to 62 Fig. 63 to Fig. 66 added and revised.
71
Table 17
IIH and IIL : OSCSEL added.
75
Table 23: Note revised.
3.01
Sep.18, 2007
−
Flash memory version function: added
1
DESCRIPTION: flash memory version contents added
FEATURES: flash memory version contents added
Power source voltages: flash memory version contents added
Power dissipation: flash memory version contents added
Flash memory mode: added
2
Fig. 1: Note is added
3
Table 1: Power source voltage: revised and flash memory version contents added
Power dissipation: flash memory version contents added
5
Table 2: LED0 to 7 and KW0 to 3 are added to pin name
6
Pin discription table is divided (to Table 2 and Table 3)
Table 3: CNVSS pin is added
7
Fig. 3: F (Flash memory) is added to memory type
8
Flash memory size is added
Fig. 4: Some “Under developing” are erased
9
Table 3: Flash memory version products are added
10
Table 5 “Differences between QzROM and flash memory versions” and “Notes on
Differences between QzROM and Flash Memory Versions” are added
12
Fig. 6: “Push contents of processor status register on stack” position is moved
14
CPU mode register explanation is revised
Fig. 7: Some notes are added
15
Fig. 8: Flash memory version flow is added
16
Fig. 9: Flash memory version SRF is added
17
Fig. 10: Flash memory version SRF and notes are added
19
Table 2: LED0 to 7 and KW0 to 3 are added to pin name
24-28
“Interrupt” is wholly revised
32
“Frequency Divider for Timer” is revised
35
“Frequency Divider for Timer” is revised
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com