Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 30Page - Renesas Technology Corp 7641 Datasheet HTML 31Page - Renesas Technology Corp 7641 Datasheet HTML 32Page - Renesas Technology Corp 7641 Datasheet HTML 33Page - Renesas Technology Corp 7641 Datasheet HTML 34Page - Renesas Technology Corp 7641 Datasheet HTML 35Page - Renesas Technology Corp 7641 Datasheet HTML 36Page - Renesas Technology Corp 7641 Datasheet HTML 37Page - Renesas Technology Corp 7641 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 34 of 135
REJ03B0191-0400
UTXD output (P84/UTXD1,
P80/UTXD2/SRDY)
D0
D1
SP
ST
D2
D3
D4
D5
D6
D7
P
SP
Transfer clock
Tranmit enable bit
Transmit buffer
empty flag
Transmit complete flag
D0
D1
D2
D3
D4
D5
D6
D7
ST
P
D0
D1
ST
Data set into UARTx transmit buffer register 1
Data transferring from UARTx transmit
buffer register 1 to Transmit shift register 1
This timing applies to the conditions:
•Character length = 8 bits
•Parity enabled
•1 stop bit
qRTS (Request-to-Send) Function
As a receiver, the UART can be configured to generate the Re-
quest-to-Send (RTSx) handshaking signal. This is enabled by
setting the RTS Function Enable Bit (bit 6 of UxCON) to “1”.
When reception is enabled, that is the Receive Enable Bit is “1”,
the RTSx pin goes “L” to inform a transmitter that reception is pos-
sible. The RTSx pin goes “H” at reception starting and does “L” at
receiving of the last bit.
The delay time from the reception of the last stop bit to the asser-
tion of RTSx is selectable using the RTS Assertion Delay Count
Select Bits.
BRGx (x = 1, 2)
count source
D0
URXD (P85/URXD1,
P81/URXD2/SCLK)
ST
SP
D1
D7
RTSx pin (P87/RTS1,
P83/RTS2/STXD)
Receive enable bit
Receive buffer
empty flag
Transfer clock
Transfer clock generated at falling edge
of start bit and receive started
Receive data latched
Data transferring from UARTx receive register
1 to Receive buffer register 1 (Note)
Note: When no RTS assertion delay, the RTSx pin goes “L”.
The RTS assertion delay counts are selected by bits 4 to 7 of UARTx RTS control register.
This timing applies to the conditions:
•Character length = 8 bits
•Parity enabled
•1 stop bit
Fig. 28 UARTx transmit timing (CTS function disbled)
When the Receive Enable Bit is set to “0” or the Receive initializa-
tion bit is set to “1”, the RTSx pin goes “H”. Even when the
Receive Enable Bit is set to “1”, the RTSx pin goes “H” if detecting
an invalid start bit.
Figure 29 shows the UARTx receive timing.
Fig. 29 UARTx transmit timing (RTS function enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com