Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 90Page - Renesas Technology Corp 7641 Datasheet HTML 91Page - Renesas Technology Corp 7641 Datasheet HTML 92Page - Renesas Technology Corp 7641 Datasheet HTML 93Page - Renesas Technology Corp 7641 Datasheet HTML 94Page - Renesas Technology Corp 7641 Datasheet HTML 95Page - Renesas Technology Corp 7641 Datasheet HTML 96Page - Renesas Technology Corp 7641 Datasheet HTML 97Page - Renesas Technology Corp 7641 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 94 of 135
REJ03B0191-0400
φ clock cycle time
φ clock “H” pulse width
φ clock “L” pulse width
AB15–AB8 delay time
AB15–AB8 valid time
AB7–AB0 delay time
AB7–AB0 valid time
WR delay time
WR valid time
RD delay time
RD valid time
SYNCOUT delay time
SYNCOUT valid time
DMAOUT delay time
DMAOUT valid time
RDY setup time
RDY hold time
HOLD setup time
HOLD hold time
HOLD “L” delay time
HOLD “H” delay time
Data bus setup time
Data bus hold time
Data bus delay time
Data bus valid time (Note 1)
EDMA delay time
EDMA valid time
WR pulse width
RD pulse width
AB15–AB8 valid time before WR
AB7–AB0 valid time before WR
AB15–AB8 valid time after WR
AB7–AB0 valid time after WR
AB15–AB8 valid time before RD
AB7–AB0 valid time before RD
AB15–AB8 valid time after RD
AB7–AB0 valid time after RD
RDY setup time before WR
RDY hold time after WR
RDY setup time before RD
RDY hold time after RD
Data bus setup time before RD
Data bus hold time after RD
Data bus delay time after WR
Data bus valid time after WR (Note 1)
EDMA delay time after WR
EDMA valid time after RD
USB output rise time, CL = 50 pF
USB output fall time, CL = 50 pF
tC(
φ)
tWH(
φ)
tWL(
φ)
td(
φ -AH)
tv(
φ -AH)
td(
φ -AL)
tv(
φ -AL)
td(
φ -WR)
tv(
φ -WR)
td(
φ -RD)
tv(
φ -RD)
td(
φ -SYNC)
tv(
φ -SYNC)
td(
φ -DMA)
tv(
φ -DMA)
tsu(RDY-
φ)
th(
φ -RDY)
tsu(HOLD-
φ)
th(
φ -HOLD)
td(
φ -HLDAL)
td(
φ -HLDAH)
tsu(DB-
φ)
th(
φ -DB)
td(
φ -DB)
tV(
φ -DB)
td(
φ -EDMA)
tv(
φ -EDMA)
tWL(WR) (Note 2)
tWL(RD) (Note 2)
td(AH-WR)
td(AL-WR)
tv(WR-AH)
tv(WR-AL)
td(AH-RD)
td(AL-RD)
tv(RD-AH)
tv(RD-AL)
tsu(RDY-WR)
th(WR-RDY)
tsu(RDY-RD)
th(RD-RDY)
tsu(DB-RD)
th(RD-DB)
td(WR-DB)
tv(WR-DB)
tv(WR-EDMA)
tv(RD-EDMA)
tr(D+), tr(D-)
tf(D+), tf(D-)
Limits
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
166.66
0.5•tc(
φ) – 5
0.5•tc(
φ) – 5
7
7
4
3
4
9
35
0
21
0
9
0
15
8
0.5•tc(
φ) – 6
0.5•tc(
φ) – 6
0.5•tc(
φ) – 33
0.5•tc(
φ) – 35
0
0
0.5•tc(
φ) – 33
0.5•tc(
φ) – 35
0
0
45
0
45
0
18
0
12
3
3
4
4
Typ.
Max.
Symbol
Unit
Table 24 Timing requirements and switching characteristics in memory expansion and microprocessor modes
(Vcc = 3.0 to 3.6 V, Vss = 0 V, Ta = –20 to 70°C, unless otherwise noted)
45
47
8
8
11
26
In Vcc = 3 V
30
30
30
12
28
20
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com