Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 28Page - Renesas Technology Corp 7641 Datasheet HTML 29Page - Renesas Technology Corp 7641 Datasheet HTML 30Page - Renesas Technology Corp 7641 Datasheet HTML 31Page - Renesas Technology Corp 7641 Datasheet HTML 32Page - Renesas Technology Corp 7641 Datasheet HTML 33Page - Renesas Technology Corp 7641 Datasheet HTML 34Page - Renesas Technology Corp 7641 Datasheet HTML 35Page - Renesas Technology Corp 7641 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 32 of 135
REJ03B0191-0400
UART1, UART2
The UART consists of two channels: UART1 and UART2. Each
has a dedicated timer provided to generate transfer clocks and op-
erates independently. Both UART1 and UART2 have the same
functions.
Twelve serial data transfer formats can be selected, and the trans-
fer formats used by a transmitter and receiver must be identical.
The transmit and receive shift registers each have a buffer, but the
two buffers have the same address in a memory. Since the shift
register cannot be written to or read from directly, transmit data is
written to the transmit buffer register, and receive data is read
from the receive buffer register.
The transmit buffer register can also hold the next data to be
transmitted, and the receive buffer register can hold a character
while the next character is being received.
The transfer speed (baud rate) is expression as follows:
Transfer speed (baud rate) = fi / {(n + 1) ✕ 16 }
n: The contents of UARTx (x = 1, 2) baud rate generator
fi: Using UART clock prescaling select bits, select any one of
φ, φ/
8,
φ/32, φ/256, SCSGCLK, SCSGCLK/8, SCSGCLK/32 and
SCSGCLK/256
OER
PER
FER
003416
003C16
Receive buffer register 1
Receive buffer register 2
Receive shift register 1
Receive shift register 2
Address 003016
Address 003816
UARTx mode register
UARTx control register
Address 003316
Address003B16
Receive buffer full flag (RBF)
Receive buffer full interrupt request (UxRBF)
Receive summing error interrupt request (UxES)
SPdetector
UART character length select bits
7 bits
8 bits
9 bits
ST
detector
P85/URXD1
P81/URXD2/SCLK
P84/UTXD1
P80/UTXD2/SRDY
SCSGCLK
Prescaler
1/1
1/8
1/32
1/256
Baud rate generator
ST/SP/PA generator
Clock control circuit
1/16
Addresses 003516
Addresses 003D16
P86/CTS1
P82/CTS2/SRXD
RTS control register
P87/RTS1
P83/RTS2/STXD
Frequency
division ratio
1/(n+1)
Addresses 003616
Addresses 003E16
Addresses 003116
Addresses 003916
Character length select bit
Transmit shift register 1
Transmit shift register 2
Transmit buffer register 1
Transmit buffer register 2
Transmit comple flag
(TCM)
Transmit interrupt source select bit
Transmit interrupt
request (UxTX)
Transmit buffer empty
flag (TBE)
UART status register
Data bus
Data bus
φ
UART clock
prescaling select bits
UART clock
select bit
003416
003C16
Addresses 003516
Addresses 003D16
Address 003216
Address 003A16
Fig. 26 UARTx (x = 1, 2) block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com