Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 39Page - Renesas Technology Corp 7641 Datasheet HTML 40Page - Renesas Technology Corp 7641 Datasheet HTML 41Page - Renesas Technology Corp 7641 Datasheet HTML 42Page - Renesas Technology Corp 7641 Datasheet HTML 43Page - Renesas Technology Corp 7641 Datasheet HTML 44Page - Renesas Technology Corp 7641 Datasheet HTML 45Page - Renesas Technology Corp 7641 Datasheet HTML 46Page - Renesas Technology Corp 7641 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 43 of 135
REJ03B0191-0400
USB FUNCTION
The 7641 Group MCU is equipped with a USB Function Control
Unit (USB FCU). This USB FCU allows the MCU to communicate
with a host PC using a minimum amount of the MCU power. This
built-in USB FCU complies with Full-Speed USB2.0 specification
that supports four transfer types: Control Transfer, Isochronous
Transfer, Interrupt Transfer, and Bulk Transfer. This built-in USB
FCU performs the data transfer error detection and transfer retry
operation by hardware. The default transfer mode of the USB FCU
is bulk transfer mode at reset. The user must set the USB FCU for
the required transfer mode by software.
The USB FCU has five endpoints (Endpoint 0 to Endpoint 4). The
EPINDEX bit selects one of these five endpoints for the USB FCU
to use. Each endpoint has IN (transmit) FIFO and OUT (receive)
FIFO. To use the USB FCU, the USB enable bit (USBC7) must be
set to “1”. There are two USB related interrupts supported for this
MCU: USB Function Interrupt and USB SOF Interrupt.
Figure 36 shows the USB FCU (USB Function Control Unit) block
diagram. The USB FCU consists of the SIE (Serial Interface En-
gine) performing the USB data transfer, GFI (Generic Function
Interface) performing USB protocol handing, SIU (Serial Engine
Interface Unit) performing a received address and endpoint de-
coding, MCI (Microcontroller Interface) handling the MCU
interface or performing address decoding and synchronization of
control signals, and the USB transceiver.
Microcontroller
Interface Unit
(MCI)
Serial Engine
Interface Unit
(SIU)
Generic
Function
Interface
(GFI)
FIFOs
Serial Interface
Engine (SIE)
USBD+
USBD-
CPU
Fig. 36 USB FCU (USB Function Control Unit) block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com