Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 32Page - Renesas Technology Corp 7641 Datasheet HTML 33Page - Renesas Technology Corp 7641 Datasheet HTML 34Page - Renesas Technology Corp 7641 Datasheet HTML 35Page - Renesas Technology Corp 7641 Datasheet HTML 36Page - Renesas Technology Corp 7641 Datasheet HTML 37Page - Renesas Technology Corp 7641 Datasheet HTML 38Page - Renesas Technology Corp 7641 Datasheet HTML 39Page - Renesas Technology Corp 7641 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 36 of 135
REJ03B0191-0400
qReceive Errors
If there is an error, it is detected at the same time that data is
transferred from the receive shift register to the receive buffer reg-
ister, and the Receive Buffer Full Flag is set to “1”. The all error
flags PER, FER, OER and SER are cleared to “0” when the
UARTx status register is read, at the hardware reset or initializa-
tion by setting the Transmit Initialization Bit.
The Summing Error Flag (SER) is set to “1” when any one of the
PER, FER and OER is set to “1”.
The Parity Error Flag (PER) is set to “1” when the sum total of 1s
of received data and the parity does not correspond with the se-
lection with the Parity Select Bit (PMD). It is enabled only if the
Parity Enable Bit (bit 5 of UxMOD) is set to “1”.
The Framing Error Flag (FER) is set to “1” when the number of
stop bit of the received data does not correspond with the selec-
tion with the Stop Bit Length Select Bit (STB).
The Overrun Flag Flag (OER) is set to “1” if the previous data in
the low-order byte of the receive buffer register 1 (addresses
003416, 003C16) is not read before the current receive operation is
completed. It is also set “1” if any one of error flags is “1” for the
previous data and the current receive operation is completed. Be
sure to read UARTx status register to clear the error flags before
the next reception has been completed.
[UARTx (x = 1, 2) Control Register (UxCON)] 003316, 003B16
The UARTx control register consists of eight control bits for the
UARTx function. This register can enable the CTS, RTS and
UART address mode.
If the Transmit Enable Bit (TEN) is set to “0” (disabled) while a
data is being transmitted, the transmitting operation will stop after
the data has been transmitted. If the Receive Enable Bit (REN) is
set to “0” (diabled) while a data is being received, the receiving
operation will stop after the data has been received.
When setting the Transmit Initialization Bit (TIN) to “1”, the TEN bit
is set to “0” and the UARTx status register will be set to “0316” af-
ter the data has been transmitted. To retransmit, set the TEN to “1”
and set a data to the transmit buffer register again. The TIN bit will
be cleared to “0” one cycle later after the TIN bit has been set to
“1”.
Setting the Receive Initialization Bit (RIN) to “1” sets all of the
REN, RBF and the receive error flags (PER, FER, OER, SER) to
“0”. The RIN bit will be cleared to “0” one cycle later after the RIN
bit has been set to “1”.
When CTS or RTS function is disabled, pins CTS1 and CTS2 or
RTS1 and RTS2 can be used as ordinary I/O ports, correspond-
ingly.
[UARTx Transmit/Receive Buffer Registers 1, 2 (UxTRB1/
UxTRB2)] 003416, 003516, 003C16, 003D16
The transmit buffer register and the receive buffer register are lo-
cated at the same address. The transmit buffer register is
write-only and the receive buffer register is read-only. If a charac-
ter bit length is 7 bits, the MSB of received data is invalid. If a
character bit length is 7 or 8 bits, the received contents of UxTRB2
are also invalid. If a character bit length is 9 bits, the received
high-order 7 bits of UxTRB2 are “0”.
[UARTx (x = 1, 2) RTS Control Register (UxRTS)] 003616,
003E16
The delay time from the reception of the last stop bit to the asser-
tion of RTSx is selectable using the RTS Assertion Delay Count
Select Bits. If the stop bit is detected before RTS assertion delay
time has expired, the RTSx pin is kept “H”. The RTS assertion de-
lay count starts after the last data reception is completed.
Setting the RIN bit to “1” resets the UxRTS. After setting the RIN
bit to “1”, set this UxRTS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com