Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 5 Page - Renesas Technology Corp

  7641 Datasheet HTML 1Page - Renesas Technology Corp 7641 Datasheet HTML 2Page - Renesas Technology Corp 7641 Datasheet HTML 3Page - Renesas Technology Corp 7641 Datasheet HTML 4Page - Renesas Technology Corp 7641 Datasheet HTML 5Page - Renesas Technology Corp 7641 Datasheet HTML 6Page - Renesas Technology Corp 7641 Datasheet HTML 7Page - Renesas Technology Corp 7641 Datasheet HTML 8Page - Renesas Technology Corp 7641 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 5 of 135
REJ03B0191-0400
Pin
Name
Function except a port function
Function
Table 2 Pin description (2)
P60/DQ0–
P67/DQ7
I/O port P5
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• When enabling the bus interface function, CMOS or TTL
input level can be selected as its input.
• 5-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• Master CPU bus interface pin
P70/SOF,
P71/HOLD,
P72/S1,
P73/IBF1/
HLDA,
P74/OBF1
P80/UTXD2/
SRDY,
P81/URXD2/
SCLK,
P82/CTS2/
SRXD,
P83/RTS2/
STXD,
P84/UTXD1,
P85/URXD1,
P86/CTS1,
P87/RTS1
I/O port P6
I/O port P7
I/O port P8
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually pro-
grammed as either input or output.
• USB function pin
• Master CPU bus interface pin
• Serial I/O pin
• UART2 pin
• UART1 pin
Remarks
•DMAOUT pin
If externally detecting the timing of DMA execution, use the signal from this pin. It is “H” level during DMA transferring. This signal is valid in the memory expansion
and microprocessor modes.
•SYNCOUT pin
If externally detecting the timing of OP code fetch, use the signal from this pin. This signal is valid in the memory expansion and microprocessor modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com