Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 68Page - Renesas Technology Corp 7641 Datasheet HTML 69Page - Renesas Technology Corp 7641 Datasheet HTML 70Page - Renesas Technology Corp 7641 Datasheet HTML 71Page - Renesas Technology Corp 7641 Datasheet HTML 72Page - Renesas Technology Corp 7641 Datasheet HTML 73Page - Renesas Technology Corp 7641 Datasheet HTML 74Page - Renesas Technology Corp 7641 Datasheet HTML 75Page - Renesas Technology Corp 7641 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 72 of 135
REJ03B0191-0400
Fig. 67 Clock generating circuit block diagram
WIT
instruction
Internal
clock
φ
STP instruction
Interrupt request
Interrupt disable
flag l
D
R
Q
T
PIN1
D
R
Q
T
PIN2
D
R
Q
T
PIN1
D
R
Q
T
P2+
RQ
S
DQ
T
PIN1
DQ
T
P2+
Oscillator count-down
timer 1 to 2
RQ
S
RQ
S
RQ
S
DQ
T
DQ
T
SQ
R
S
QB
R
Delay
Slow memory
wait
LPF
LPF
1/2
Frequency
synthesizer
Frequency synthesizer
enable bit
LPF
1/2
P2 peripheral
P1 peripheral
STP instruction
STP instruction
RESET
STP
instruction
P2LATRSTB
P1HATRSTB
P2 peripheral
P1 peripheral
P2 out
P1 out
P2LATRSTB
P1HATRSTB
P2
P1
DQ
T
PIN2
P2+
Main clock (XIN-XOUT) stop bit
OSCSTP
RESET
XCOSCSTP
XOSCSTP
XDOSCSTP
XOD
XCDOSCSTP
XCOD
Sub-clock (XCIN-XCOUT)
stop bit
Slow memory wait
select bit
Slow memory wait
mode select bit
RDY
XIN
XOUT
Main clock (XIN-XOUT)
stop bit
XOSCSTP
XCIN
Sub-clock (XCIN-XCOUT)
stop bit
XCOUT
Frequency synthesizer
input bit
fIN
USB 48 MHz
clock output
fSYN
fEXT
Internal system clock
select bit
f(XIN)
f(XCIN)
XIN drive select bit
P1+, P2+
PIN1, PIN2
P1HATRSTB
P2LATRSTB
RESET
XCOSCSTP
External clock select bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com