Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 8Page - Renesas Technology Corp 7641 Datasheet HTML 9Page - Renesas Technology Corp 7641 Datasheet HTML 10Page - Renesas Technology Corp 7641 Datasheet HTML 11Page - Renesas Technology Corp 7641 Datasheet HTML 12Page - Renesas Technology Corp 7641 Datasheet HTML 13Page - Renesas Technology Corp 7641 Datasheet HTML 14Page - Renesas Technology Corp 7641 Datasheet HTML 15Page - Renesas Technology Corp 7641 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 12 of 135
REJ03B0191-0400
MEMORY
Special Function Register (SFR) Area
The Special Function Register area in the zero page contains control
registers such as I/O ports and timers.
RAM
RAM is used for data storage and for stack area of subroutine calls
and interrupts.
ROM
The first 128 bytes and the last 4 bytes of ROM are reserved for
device testing and the rest is user area for storing programs. In the
flash memory version, program and erase can be performed in the
reserved area.
Interrupt Vector Area
The interrupt vector area contains reset and interrupt vectors.
Zero Page
Access to this area with only 2 bytes is possible in the zero page
addressing mode.
Special Page
Access to this area with only 2 bytes is possible in the special page
addressing mode.
Refer to page 74 for the memory map of memory expansion and
microprocessor modes.
Fig. 9 Memory map diagram
1024
2560
046F16
0A6F16
RAM area
RAM size
(bytes)
Address
XXXX16
000016
007016
FF0016
FFCA16
FFFC16
FFFF16
XXXX16
800016
808016
RAM
ROM
SIZE: 32768 bytes
SFR area
Not used
Interrupt vector area
Reserved ROM area
(128 bytes)
Zero page
Special page
Reserved ROM area
010016
100016
Reserved area (Note 1)
SFR area
(Note 2)
FFC916
M37641M8
M37641F8
Notes1: Reserved area in M37641F8.
2: SFR area in M37641F8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com