Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 22Page - Renesas Technology Corp 7641 Datasheet HTML 23Page - Renesas Technology Corp 7641 Datasheet HTML 24Page - Renesas Technology Corp 7641 Datasheet HTML 25Page - Renesas Technology Corp 7641 Datasheet HTML 26Page - Renesas Technology Corp 7641 Datasheet HTML 27Page - Renesas Technology Corp 7641 Datasheet HTML 28Page - Renesas Technology Corp 7641 Datasheet HTML 29Page - Renesas Technology Corp 7641 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 26 of 135
REJ03B0191-0400
Timer Y
Timer Y is a 16-bit timer that can be selected in one of four modes.
(1) Timer Mode
The timer counts one of the internal clock
φ divided by 8, 16, 32,
64.
q TYOUT Output Function
In the timer mode, a signal of which polarity is inverted each time
the timer underflows is output from the CNTR1 pin. This is enabled
by setting the Timer Y Output Control Bit to “1”.
When the CNTR1 Active Edge Switch Bit is “0”, the CNTR1 pin
starts pulses output beginning at “H”; when this bit is “1”, the
CNTR1 pin starts pulses output beginning at “L”.
When using a timer in this mode, set the port P44 direction regis-
ter to output mode.
(2) Period Measurement Mode
CNTR1 interrupt request is generated at a rising/falling edge of
CNTR1 pin input signal. Simultaneously, the value in timer Y latch
is reloaded in timer Y and timer Y continues counting down. Ex-
cept for the aforementioned operation, the operation in period
measurement mode is the same as in timer mode. (The TYOUT
output function is not usable.)
The timer value just before the reloading at rising/falling of CNTR1
pin input signal is retained until the timer Y is read once after the
reload.
The rising/falling timing of CNTR1 pin input signal is found by
CNTR1 interrupt.
When the CNTR1 Active Edge Switch Bit is “0”, the falling edge is
detected; when this bit is “1”, the rising edge is detected.
When using a timer in this mode, set the port P44 direction regis-
ter to input mode.
(3) Event Counter Mode
The timer counts signals input through the CNTR1 pin.
Except for this, the operation in event counter mode is the same
as in timer mode. (The TYOUT output function is not usable.)
When the CNTR1 Active Edge Switch Bit is “0”, the rising edge is
counted; when this bit is “1”, the falling edge is counted.
When using a timer in this mode, set the port P44 direction regis-
ter to input mode.
(4) Pulse Width HL Continuously Measurement
Mode
CNTR1 interrupt request is generated at both rising and falling
edges of CNTR1 pin input signal. Except for this, the operation in
pulse width HL continuously measurement mode is the same as in
period measurement mode.
When using a timer in this mode, set the port P44 direction regis-
ter to input mode.
Fig. 21 Structure of timer Y mode register
s Notes
q Timer Y Write Control
If the Timer Y Write Control Bit is “1”, when the value is written in
the address of timer Y, the value is loaded only in the latch. The
value in the latch is loaded in timer Y after timer Y underflows.
If the Timer Y Write Control Bit is “0”, when the value is written in
the address of timer Y, the value is loaded in the timer Y and the
latch at the same time.
When the value is to be written in latch only, unexpected value
may be set in the high-order timer if the writing in high-order latch
and the underflow of timer Y are performed at the same timing.
q CNTR1 Interrupt Active Edge Selection
The CNTR1 interrupt active edge depends on the selection of
CNTR1 Active Edge Switch Bit.
However, in pulse width HL continuously measurement mode,
CNTR1 interrupt request is generated at both rising and falling
edges of CNTR1 pin input signal regardless of the setting of
CNTR1 Active Edge Switch Bit.
Timer Y mode register (address 002816)
TYM
Timer Y write control bit
0: Write value in latch and counter
1: Write value in latch only
Timer Y output control bit
0: TYOUT output disabled
1: TYOUT output enabled
Timer Y count source select bits
b3b2
0 0:
φ / 8
0 1:
φ / 16
1 0:
φ / 32
1 1:
φ / 64
Timer Y operating mode bits
b5b4
0 0: Timer mode
0 1: Period measurement mode
1 0: Event counter mode
1 1: Pulse width HL continuously measure-
ment mode
CNTR1 active edge switch bit
0: Count at rising edge in event counter mode
Measure the falling edge to falling edge
period in period measurement mode
Falling edge active for interrupt
Start from “H” output for TYOUT signal
1: Count at falling edge in event counter mode
Measure the rising edge to rising edge
period in period measurement mode
Rising edge active for interrupt
Start from “L” output for TYOUT signal
Timer Y count stop bit
0: Count start
1: Count stop
b0
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com