Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 18Page - Renesas Technology Corp 7641 Datasheet HTML 19Page - Renesas Technology Corp 7641 Datasheet HTML 20Page - Renesas Technology Corp 7641 Datasheet HTML 21Page - Renesas Technology Corp 7641 Datasheet HTML 22Page - Renesas Technology Corp 7641 Datasheet HTML 23Page - Renesas Technology Corp 7641 Datasheet HTML 24Page - Renesas Technology Corp 7641 Datasheet HTML 25Page - Renesas Technology Corp 7641 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 22 of 135
REJ03B0191-0400
Fig. 17 Structure of interrupt-related registers
Interrupt request register A (address 000216)
IREQA
USB function interrupt request bit
USB SOF interrupt request bit
INT0 interrupt request bit
INT1 interrupt request bit
DMAC0 interrupt request bit
DMAC1 interrupt request bit
UART1 receive buffer full interrupt request bit
UART1 transmit interrupt request bit
b7
b0
Interrupt polarity select register (address
001116)
IPOL
INT0 interrupt edge select bit
INT1 interrupt edge select bit
Reserved bits (“0” at read/write)
0 : Falling edge active
1 : Rising edge active
b7
b0
0 : Interrupts disabled
1 : Interrupts enabled
0 : No interrupt request issued
1 : Interrupt request issued
Interrupt request register B address (address 000316)
IREQB
UART1 summing error interrupt request bit
UART2 receive buffer full interrupt request bit
UART2 transmit interrupt request bit
UART2 summing error interrupt request bit
Timer X interrupt request bit
Timer Y interrupt request bit
Timer 1 interrupt request bit
Timer 2 interrupt request bit
b7
b0
0 : No interrupt request issued
1 : Interrupt request issued
Interrupt control register A (address 000516)
ICONA
USB function interrupt enable bit
USB SOF interrupt enable bit
INT0 interrupt enable bit
INT1 interrupt enable bit
DMAC0 interrupt enable bit
DMAC1 interrupt enable bit
UART1 receive buffer full interrupt enable bit
UART1 transmit interrupt enable bit
b7
b0
Interrupt request register C (address 000416)
IREQC
Timer 3 interrupt request bit
CNTR0 interrupt request bit
CNTR1 interrupt request bit
Serial I/O interrupt request bit
Input buffer full interrupt request bit
Output buffer empty interrupt request bit
Key input interrupt request bit
Reserved bit (“0” at read/write)
b7
b0
0 : No interrupt request issued
1 : Interrupt request issued
Interrupt control register B (address 000616)
ICONB
UART1 summing error interrupt enable bit
UART2 receive buffer full interrupt enable bit
UART2 transmit interrupt enable bit
UART2 summing error interrupt enable bit
Timer X interrupt enable bit
Timer Y interrupt enable bit
Timer 1 interrupt enable bit
Timer 2 interrupt enable bit
b7
b0
0 : Interrupts disabled
1 : Interrupts enabled
Interrupt control register C (address 000716)
ICONC
Timer 3 interrupt enable bit
CNTR0 interrupt enable bit
CNTR1 interrupt enable bit
Serial I/O interrupt enable bit
Input buffer full interrupt enable bit
Output buffer empty interrupt enable bit
Key input interrupt enable bit
Reserved bit (“0” at read/write)
b7
b0
0 : Interrupts disabled
1 : Interrupts enabled
0
0 0 00 00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com