Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 33Page - Renesas Technology Corp 7641 Datasheet HTML 34Page - Renesas Technology Corp 7641 Datasheet HTML 35Page - Renesas Technology Corp 7641 Datasheet HTML 36Page - Renesas Technology Corp 7641 Datasheet HTML 37Page - Renesas Technology Corp 7641 Datasheet HTML 38Page - Renesas Technology Corp 7641 Datasheet HTML 39Page - Renesas Technology Corp 7641 Datasheet HTML 40Page - Renesas Technology Corp 7641 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 37 of 135
REJ03B0191-0400
Fig. 30 Structure of UART related registers
UARTx mode register (addresses 003016, 003816)
UxMOD
UART clock select bit (CLK)
0:
φ
1: SCSGCLK
UART clock prescaling select bits (PS)
b2b1
0 0: UART clock divided by 1
0 1: UART clock divided by 8
1 0: UART clock divided by 32
1 1: UART clock divided by 256
Stop bit length select bit (STB)
0: 1 stop bit
1: 2 stop bits
Parity select bit (PMD)
0: Even parity
1: Odd parity
Parity enable bit (PEN)
0: Parity checking disabled
1: Parity checking enabled
UART character length select bit
b7b6
0 0: 7 bits
0 1: 8 bits
1 0: 9 bits
1 1: Not available
b0
b7
UARTx control register (addresses 003316, 003B16)
UxCON
Transmit enable bit (TEN)
0: Transmit disabled
1: Transmit enabled
Receive enable bit (REN)
0: Receive disabled
1: Receive enabled
Transmit initialization bit (TIN)
0: No action.
1: Initializing
Receive initialization bit (RIN)
0: No action.
1: Initializing
Transmit interrupt source select bit (TIS)
0: Interrupt when transmit buffer has emptied
1: Interrupt when transmit shift operation is completed
CTS function enable bit (CTS_SEL)
0: CTS function disabled
1: CTS function enabled
RTS function enable bit (RTS_SEL)
0: RTS function disabled
1: RTS function enabled
UART address mode enable bit (AME)
0: Address mode disabled
1: Address mode enabled
b0
b7
UARTx status register (addresses 003216, 003A16)
UxSTS
Transmit complete flag (TCM)
0: Transmit shift in progress
1: Transmit shift completed
Transmit buffer empty flag (TBE)
0: Buffer full
1: Buffer empty
Receive buffer full flag (RBF)
0: Buffer empty
1: Buffer full
Parity error flag (PER)
0: No error
1: Parity error
Framing error flag (FER)
0: No error
1: Framing error
Overrun error flag (OER)
0: No error
1: Overrun error
Summing error flag (SER)
0: (FER) U (OER) U (SER) = 0
1: (FER) U (OER) U (SER) = 1
Reserved bits (“0” at read/write)
b0
b7
UARTx RTS control register (addresses 003616, 003E16)
UxRTSC
Reserved bits (“0” at read/write)
RTS assertion delay count select bits
b7 b6 b5 b4
0 0 0 0 : No delay; Assertion immediately
0 0 0 1 : 8-bit term assertion at “H”
0 0 1 0 : 16-bit term assertion at “H”
0 0 1 1 : 24-bit term assertion at “H”
0 1 0 0 : 32-bit term assertion at “H”
0 1 0 1 : 40-bit term assertion at “H”
0 1 1 0 : 48-bit term assertion at “H”
0 1 1 1 : 56-bit term assertion at “H”
1 0 0 0 : 64-bit term assertion at “H”
1 0 0 1 : 72-bit term assertion at “H”
1 0 1 0 : 80-bit term assertion at “H”
1 0 1 1 : 88-bit term assertion at “H”
1 1 0 0 : 96-bit term assertion at “H”
1 1 0 1 : 104-bit term assertion at “H”
1 1 1 0 : 112-bit term assertion at “H”
1 1 1 1 : 120-bit term assertion at “H”
b0
b7
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com