Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 16Page - Renesas Technology Corp 7641 Datasheet HTML 17Page - Renesas Technology Corp 7641 Datasheet HTML 18Page - Renesas Technology Corp 7641 Datasheet HTML 19Page - Renesas Technology Corp 7641 Datasheet HTML 20Page - Renesas Technology Corp 7641 Datasheet HTML 21Page - Renesas Technology Corp 7641 Datasheet HTML 22Page - Renesas Technology Corp 7641 Datasheet HTML 23Page - Renesas Technology Corp 7641 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 20 of 135
REJ03B0191-0400
INTERRUPTS
There are twenty-four interrupt sources: five externals, eighteen
internals, and one software.
Interrupt Control
Each interrupt except the BRK instruction interrupt has both an Inter-
rupt Request Bit and an Interrupt Enable Bit, and is controlled by the
Interrupt Disable Flag (I). An interrupt occurs if the corresponding
Interrupt Request and Enable Bits are “1” and the Interrupt Disable
Flag is “0”.
Interrupt Enable Bits can be set or cleared by software. Interrupt Re-
quest Bits can be cleared by software, but cannot be set by software.
Additionally, an active edge of INT1 and INT2 can be selected by
using the interrupt edge select register (address 001116); an active
edge of CNTR0 can be done by using the timer X mode register
(address 002716); an active edge of CNTR1 can be done by using
the timer Y mode register (address 002816).
The BRK instruction interrupt and reset cannot be disabled with any
flag or bit. The I Flag disables all interrupts except the BRK instruc-
tion interrupt and reset. If several interrupts requests occur at the
same time, the interrupt with the highest priority is accepted first.
Interrupt Operation
When an interrupt request occurs, the following operations are auto-
matically performed:
1. The processing being executed is stopped.
2. The contents of the program counter and processor status reg-
ister are automatically pushed onto the stack.
3. The Interrupt Disable Flag is set and the corresponding in-
terrupt request bit is cleared.
4. The interrupt jump destination address is read from the vector
table into the program counter.
sNotes
When setting the followings, the interrupt request bit may be set to
“1”.
•When setting external interrupt active edge
Related register: Interrupt polarity select register (address 001116)
Timer X mode register (address 002716)
Timer Y mode register (address 002816)
When not requiring for the interrupt occurrence synchronized with
these setting, take the following sequence.
➀Set the corresponding Interrupt Enable Bit to “0” (disabled).
➁Set the Interrupt Edge Select Bit (Active Edge Switch Bit).
➂Set the corresponding Interrupt Request Bit to “0” after 1 or more
instructions have been executed.
➃Set the corresponding Interrupt Enable Bit to “1” (enabled).
Fig. 16 Interrupt control
Interrupt request bit
Interrupt enable bit
Interrupt disable flag (I)
BRK instruction
Reset
Interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com