Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 89Page - Renesas Technology Corp 7641 Datasheet HTML 90Page - Renesas Technology Corp 7641 Datasheet HTML 91Page - Renesas Technology Corp 7641 Datasheet HTML 92Page - Renesas Technology Corp 7641 Datasheet HTML 93Page - Renesas Technology Corp 7641 Datasheet HTML 94Page - Renesas Technology Corp 7641 Datasheet HTML 95Page - Renesas Technology Corp 7641 Datasheet HTML 96Page - Renesas Technology Corp 7641 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 93 of 135
REJ03B0191-0400
S0, S1 setup time for read
S0, S1 setup time for write
S0, S1 hold time for read
S0, S1 hold time for write
A0 setup time for read
A0 setup time for write
A0 hold time for read
A0 hold time for write
Read pulse width
Write pulse width
Data input setup time before write
Data input hold time after write
Data output enable time after read
Data output disable time after read
OBF output transmission time after read
IBF output transmission time after write
tsu(S-R)
tsu(S-W)
th(R-S)
th(W-S)
tsu(A-R)
tsu(A-W)
th(R-A)
th(W-A)
tw(R)
tw(W)
tsu(D-W)
th(W-D)
ta
(R-D)
tv
(R-D)
tv
(R-OBF)
td
(W-IBF)
Limits
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
0
0
0
0
10
10
0
0
80
80
35
0
10
Typ.
Max.
Symbol
Unit
Table 22 Master CPU bus interface (MBI; RD, WR separate type) (Vcc = 3.0 to 3.6 V, Vss = 0 V, Ta = –20 to 70°C, unless otherwise noted)
In Vcc = 3 V
65
50
50
S0, S1 setup time
S0, S1 hold time
A0 setup time
A0 hold time
R/W setup time
R/W hold time
Enable pulse width
Enable pulse interval
Data input setup time before write
Data input hold time after write
Data output enable time after read
Data output disable time after read
OBF output transmission time after E inactive
IBF output transmission time after E inactive
tsu(S-E)
th(E-S)
tsu(A-E)
th(E-A)
tsu(RW-E)
th(E-RW)
tw(E)
tw(E-E)
tsu(D-E)
th(E-D)
ta(E-D)
tv(E-D)
tv(E-OBF)
td(E-IBF)
Limits
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
0
0
10
0
10
10
80
80
35
0
10
Typ.
Max.
Symbol
Unit
Table 23 Master CPU bus interface (MBI; R/W type) (Vcc = 3.0 to 3.6 V, Vss = 0 V, Ta = –20 to 70°C, unless otherwise noted)
65
50
50
In Vcc = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com