Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 41Page - Renesas Technology Corp 7641 Datasheet HTML 42Page - Renesas Technology Corp 7641 Datasheet HTML 43Page - Renesas Technology Corp 7641 Datasheet HTML 44Page - Renesas Technology Corp 7641 Datasheet HTML 45Page - Renesas Technology Corp 7641 Datasheet HTML 46Page - Renesas Technology Corp 7641 Datasheet HTML 47Page - Renesas Technology Corp 7641 Datasheet HTML 48Page - Renesas Technology Corp 7641 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 45 of 135
REJ03B0191-0400
USB Reception
Endpoint 0 to Endpoint 4 have OUT (receive) FIFOs individually.
Each endpoint’s FIFO is configured in following way:
Endpoint 0: 16-byte
Endpoint 1: Mode 0: 800-byte
Mode 1: 1024-byte
Mode 2: 2048-byte
Mode 3: 0-byte
Mode 4: 1280-byte
Mode 5: 1168-byte
Endpoint 2: Mode 0: 32-byte
Mode 1: 128-byte
Endpoint 3: 16-byte
Endpoint 4: 16-byte
When Endpoint 1 or Endpoint 2 is used for data receive, the OUT
FIFO size can be selected. Endpoint 1 and Endpoint 2 have pro-
grammable IN-FIFOs size; 6 modes for Endpoint 1, and 2 modes
for Endpoint 2. Each mode can be selected by the USB endpoint
FIFO mode selection register (address 005F16).
Data transmitted from the host-PC is stored in Endpoint x FIFO
(006016 to 006416). Every time the data is stored in the FIFO, the
internal OUT FIFO write pointer is increased by 1. When one com-
plete data packet is stored, the OUT_PKT_RDY flag is set to “1”
and the number of received data packets is stored in USB End-
point x OUT write count registers (Low and High). When the
AUTO_CLR bit is “1” and the received data is read out from the
OUT FIFO, the OUT_PKT_RDY flag is cleared to “0”. When the
AUTO_CLR bit is “1”, the OUT_PKT_RDY flag will not be cleared
automatically by the FIFO read; it must be cleared by software.
(The AUTO-CLR bit function is not applicable in Endpoint 0.)
When MAXP size
≤ (a half of OUT FIFO size), the OUT_FIFO can
receive 2 packets (double buffer). At this time, the OUT_ FIFO sta-
tus can be checked by the OUT_PKT_RDY flag. When the FIFO
holds two packets and one packet is read from the FIFO, the
OUT_PKT_RDY flag is not cleared even if it is set to “0”. (The flag
returns from “0” to “1” in one
φ cycle after the read-out). During
double buffer mode, the USB Endpoint x OUT write count regis-
ters (Low and High) holds the number of previously received
packets. This count register is updated after reading out one of
packets in the OUT FIFO and clearing the OUT_PKT_RDY flag to
“0”.
TOGGLE Initialization
In order to initialize the data toggle sequence bit of the endpoint,
in other words, resetting the next data packet to DATA0; set the
ISO/TOGGLE_INT bit to “1” and then clear back to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com