Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 27Page - Renesas Technology Corp 7641 Datasheet HTML 28Page - Renesas Technology Corp 7641 Datasheet HTML 29Page - Renesas Technology Corp 7641 Datasheet HTML 30Page - Renesas Technology Corp 7641 Datasheet HTML 31Page - Renesas Technology Corp 7641 Datasheet HTML 32Page - Renesas Technology Corp 7641 Datasheet HTML 33Page - Renesas Technology Corp 7641 Datasheet HTML 34Page - Renesas Technology Corp 7641 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 31 of 135
REJ03B0191-0400
qSPI Compatible Mode Operation
Setting the SPI Mode Select Bit (bit 0 of SIOCON2) puts the serial
I/O in SPI compatible mode. The Synchronous Clock Select Bit
(bit 6 of SIOCON1) determines whether the serial I/O is an SPI
master or slave. When the external clock is selected (“0”), the se-
rial I/O is in slave mode; When the internal clock is selected (“1”),
the serial I/O is in master mode.
In SPI compatible mode the SRXD pin functions as a MISO (Mas-
ter In/Slave Out) pin and the STXD pin functions as a MOSI
(Master Out/Slave In) pin.
In slave mode the transmit data is output from the MISO pin and
the receive data is input from the MISO pin. The SRDY pin func-
tions as the chip-select signal input pin from an external.
In master mode the transmit data is output from the MOSI pin and
the receive data is input from the MISO pin. The SRDY pin func-
tions as the chip-select signal output pin to an external.
• Slave Mode Operation
In slave mode of SPI compatible mode 4 types of clock polarity
and clock phase can be usable by bits 3 and 4 of serial I/O control
register 2.
If the SRDY pin is held “H”, the shift clock is inhibited, the serial I/
O counter is set to “7”. If the SRDY pin is held “L”, then the shift
clock will start.
Make sure during transfer to maintain the SRDY input at “L” and
not to write data to the serial I/O counter.
Figure 25 shows the serial I/O timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com