Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 88Page - Renesas Technology Corp 7641 Datasheet HTML 89Page - Renesas Technology Corp 7641 Datasheet HTML 90Page - Renesas Technology Corp 7641 Datasheet HTML 91Page - Renesas Technology Corp 7641 Datasheet HTML 92Page - Renesas Technology Corp 7641 Datasheet HTML 93Page - Renesas Technology Corp 7641 Datasheet HTML 94Page - Renesas Technology Corp 7641 Datasheet HTML 95Page - Renesas Technology Corp 7641 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 92 of 135
REJ03B0191-0400
Reset input “L” pulse width
Main clock input cycle time (Note)
Main clock input “H” pulse width
Main clock input “L” pulse width
Sub-clock input cycle time
Sub-clock input “H” pulse width
Sub-clock input “L” pulse width
INT0, INT1 input cycle time
INT0, INT1 input “H” pulse width
INT0, INT1 input “L” pulse width
CNTR0, CNTR1 input cycle time
CNTR0, CNTR1 input “H” pulse width
CNTR0, CNTR1 input “L” pulse width
Timer TOUT delay time
Timer CNTR0 delay time (Pulse output mode)
Timer CNTR0 input cycle time (Event counter mode)
Timer CNTR0 input “H” pulse width (Event counter mode)
Timer CNTR0 input “L” pulse width (Event counter mode)
Timer CNTR1 delay time (Pulse output mode)
Timer CNTR1 input cycle time (Event counter mode)
Timer CNTR1 input “H” pulse width (Event counter mode)
Timer CNTR1 input “L” pulse width (Event counter mode)
Serial I/O external clock input cycle time
Serial I/O external clock input “H” pulse width
Serial I/O external clock input “L” pulse width
Serial I/O input setup time (external clock)
Serial I/O input hold time (external clock)
Serial I/O output delay time (external clock)
Serial I/O SRDY valid time (external clock)
Serial I/O internal clock output cycle time
Serial I/O internal clock output “H” pulse width
Serial I/O internal clock output “L” pulse width
Serial I/O input setup time (internal clock)
Serial I/O input hold time (internal clock)
Serial I/O output delay time (internal clock)
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tC(XCIN)
tWH(XCIN)
tWL(XCIN)
tC(INT)
tWH(INT)
tWL(INT)
tC(CNTRI)
tWH(CNTRI)
tWL(CNTRI)
td(
φ -TOUT)
td(
φ -CNTR0)
tC(CNTRE0)
tWH(CNTRE0)
tWL(CNTRE0)
td(
φ -CNTR1)
tC(CNTRE1)
tWH(CNTRE1)
tWL(CNTRE1)
tC(SCLKE)
tWH(SCLKE)
tWL(SCLKE)
tsu(SRXD-SCLKE)
th(SCLKE-SRXD)
td(SCLKE-STXD)
tv(SCLKE-SRDY)
tc(SCLKI)
tWH(SCLKI)
tWL(SCLKI)
tsu(SRXD-SCLKI)
th(SCLKI-SRXD)
td(SCLKI-STXD)
Limits
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
2
41.66
0.4•tc(XIN)
0.4•tc(XIN)
200
0.4•tc(XCIN)
0.4•tc(XCIN)
250
110
110
250
110
110
250
0.4•tc(CNTRE0)
0.4•tc(CNTRE0)
250
0.4•tc(CNTRE1)
0.4•tc(CNTRE1)
450
220
190
20
15
300
0.5•tc(SCLKI) – 5
0.5•tc(SCLKI) – 5
20
5
Typ.
Max.
Symbol
Unit
Table 21 Timing requirements (Vcc = 3.0 to 3.6 V, Vss = 0 V, Ta = –20 to 70°C, unless otherwise noted)
Note: Make sure not to exceed 6 MHz of
φ, in other words, tc(φ) ≥ 166.66 ns).
Timing Requirements
In Vcc = 3 V
17
16
15
34
35
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com