Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 46Page - Renesas Technology Corp 7641 Datasheet HTML 47Page - Renesas Technology Corp 7641 Datasheet HTML 48Page - Renesas Technology Corp 7641 Datasheet HTML 49Page - Renesas Technology Corp 7641 Datasheet HTML 50Page - Renesas Technology Corp 7641 Datasheet HTML 51Page - Renesas Technology Corp 7641 Datasheet HTML 52Page - Renesas Technology Corp 7641 Datasheet HTML 53Page - Renesas Technology Corp 7641 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 50 of 135
REJ03B0191-0400
Fig. 41 Structure of USB interrupt status register 2
USB interrupt status register 2 (address 005316)
USBIS2
USB endpoint 4 IN interrupt status flag (INTST8)
0: Except the following conditions
1: Set at which of the following conditions:
• A packet data of endpoint 4 is successfully sent
• UNDER_RUN bit of endpoint 4 is set to “1”.
USB endpoint 4 OUT interrupt status flag (INTST9)
0: Except the following conditions
1: Set at any one of the following conditions:
• A packet data of endpoint 4 is successfully received
• OVER_RUN bit of endpoint 4 is set to “1”
• FORCE_STALL bit of endpoint 4 is set to “1”.
Reserved bit (“0” at read/write)
USB overrun/underrun interrupt status flag (INTST12)
0: Except the following condition
1: Set at an occurrence of overrun/underrun (for isochronous data transfer)
USB reset interrupt status flag (INTST13)
0: Except the following condition
1: Set at receiving of USB reset signal
USB resume signal interrupt status flag (INTST14)
0: Except the following condition
1: Set at receiving of resume signal
USB suspend signal interrupt status flag (INTST15)
0: Except the following condition
1: Set at receiving of suspend signal
b0
b7
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com