Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 63Page - Renesas Technology Corp 7641 Datasheet HTML 64Page - Renesas Technology Corp 7641 Datasheet HTML 65Page - Renesas Technology Corp 7641 Datasheet HTML 66Page - Renesas Technology Corp 7641 Datasheet HTML 67Page - Renesas Technology Corp 7641 Datasheet HTML 68Page - Renesas Technology Corp 7641 Datasheet HTML 69Page - Renesas Technology Corp 7641 Datasheet HTML 70Page - Renesas Technology Corp 7641 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 67 of 135
REJ03B0191-0400
Fig. 60 Structure of frequency synthesizer control register
Frequency synthesizer control register (address 006C16)
FSC
Frequency synthesizer enable bit (FSE)
0: Disabled
1: Enabled
Fix to “00”.
Frequency synthesizer input bit (FIN)
0: f(XIN)
1: f(XCIN)
Reserved bit (“0” at read/write)
LPF current control (CHG1, CHG0) (Note)
b6b5
0 0: Not available
0 1: Low current
1 0: Intermediate current (recommended)
1 1: High current
Frequency synthesizer lock status bit
0: Unlocked
1: Locked
0
0
0
Note: Bits 6 and 5 are set to (bit 6, bit 5) = (1, 1) at reset.
When using the frequency synthesizer, we recommend to set to (bit 6, bit 5)
= (1, 0) after locking the frequency synthesizer.
b0
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com