Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 40Page - Renesas Technology Corp 7641 Datasheet HTML 41Page - Renesas Technology Corp 7641 Datasheet HTML 42Page - Renesas Technology Corp 7641 Datasheet HTML 43Page - Renesas Technology Corp 7641 Datasheet HTML 44Page - Renesas Technology Corp 7641 Datasheet HTML 45Page - Renesas Technology Corp 7641 Datasheet HTML 46Page - Renesas Technology Corp 7641 Datasheet HTML 47Page - Renesas Technology Corp 7641 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 44 of 135
REJ03B0191-0400
USB Transmission
Endpoint 0 to Endpoint 4 have IN (transmit) FIFOs individually.
Each endpoint’s FIFO is configured in following way:
Endpoint 0: 16-byte
Endpoint 1: Mode 0: 512-byte
Mode 1: 1024-byte
Mode 2: 0-byte
Mode 3: 2048-byte
Mode 4: 768-byte
Mode 5: 880-byte
Endpoint 2: Mode 0: 32-byte
Mode 1: 128-byte
Endpoint 3: 16-byte
Endpoint 4: 16-byte
When Endpoint 1 or Endpoint 2 is used for data transmit, the IN
FIFO size can be selected. Endpoint 1 and Endpoint 2 have pro-
grammable IN-FIFOs size; 6 modes for Endpoint 1, and 2 modes
for Endpoint 2. Each mode can be selected by the USB endpoint
FIFO mode selection register (address 005F16).
When writing data to the USB Endpoint-x FIFO (addresses 006016
to 006416) in the SFR area, the internal write pointer for the IN
FIFO is automatically increased by 1. When the AUTO_SET bit is
“1” and if the stored data reaches to the max. packet value set in
USB Endpoint x IN max. packet size register (address 005B16),
the USB FCU sets the IN_PKT_RDY bit to “1”. When the
AUTO_SET bit is “0”, the IN_PKT_RDY bit will not be automati-
cally set to “1”; it must be set to “1” by software. (The AUTO_SET
bit function is not applicable to Endpoint 0.)
The USB FCU transmits the data when it receives the next IN to-
ken. The IN_PKT_RDY bit automatically goes to “0” when the data
transfer is complete.
qIsochronous transfer
Endpoints 1 to 4 can be used in isochronous transfer mode. When
using isochronous transfer mode, the ISO/TOGGLE_INIT bit must
be set to “1”. When ISO_UPDATE = “1” and the corresponding
endpoint’s ISO/TOGGLE_INIT bit = “1”, the USB FCU delays the
rise of the IN_PKT_RDY bit until the next SOF signal transmis-
sion. In this way, the USB FCU can synchronize a transmit data to
the SOF signal.
qInterrupt transfer mode
Endpoints 1 to 4 can be used in interrupt transfer mode. During a
regular interrupt transfer, an interrupt transaction is similar to the
bulk transfer. Therefore, there is no special setting required. When
IN-endpoint is used for a rate feedback interrupt transfer, INTPT
bit of the IN_CSR register must be set to “1”. The following steps
show how to configure the IN-endpoint for the rate feedback inter-
rupt transfer.
1. Set a value which is larger than 1/2 of the USB Endpoint-x FIFO
size to the USB Endpoint x IN max. package size register.
2. Set INTPT bit to “1”.
3. Flush the old data in the FIFO.
4. Store transmission data to the IN FIFO and set the
IN_PKT_RDY bit to “1”.
5. Repeat steps 3 and 4.
In a real application, the function-side always has transfer data
when the function sends an endpoint in a rate feedback interrupt.
Accordingly, the USB FCU never returns a NAK against the host
IN token for the rate feedback interrupt. The USB FCU always
transmits data in the FIFO in response to an IN token, regardless
of IN_PKT_RDY. However, this premises that there is always an
ACK response from Host PC after the 7641 Group has transmitted
data to IN token.
When MAXP size
≤ (a half of IN FIFO size), the IN FIFO can store
two packets (called double buffer). At this time, the IN FIFO sta-
tus can be checked by monitoring the IN_PKT_RDY bit and the
TX_NOT_EPT flag. The TX_NOT_EPT flag is a read-only flag
which shows the FIFO state. When IN_PKY_RDY = 0 and
TX_NOT_EPT = 0, IN FIFO is empty. When IN_PKY_RDY = 0 and
TX_NOT_EPT = 1, IN FIFO has one packet.
In double buffer mode, as long as the IN FIFO is not filled with
double packets, IN_PKT_RDY will not be set to “1”, even if it is set
to “1” by software, but TX_NOT_EPT flag will be set to “1”. In
single buffer mode, if MAXP > (a half of IN FIFO), this condition
never occurs.
When IN_PKT_RDY = “1” and TX_NOT_EPT = “1”, IN FIFO holds
two packets in double buffer mode and one packet in single
packet mode. In single packet mode, when the IN_PKT_RDY bit is
set to “1” by software, the TX_NOT_EPT flag is set to “1” as well.
During double buffer mode, if you want to load two packets se-
quentially, you must set the IN_PKT_RDY bit to “1” each time a
packet is loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com