Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 78Page - Renesas Technology Corp 7641 Datasheet HTML 79Page - Renesas Technology Corp 7641 Datasheet HTML 80Page - Renesas Technology Corp 7641 Datasheet HTML 81Page - Renesas Technology Corp 7641 Datasheet HTML 82Page - Renesas Technology Corp 7641 Datasheet HTML 83Page - Renesas Technology Corp 7641 Datasheet HTML 84Page - Renesas Technology Corp 7641 Datasheet HTML 85Page - Renesas Technology Corp 7641 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 82 of 135
REJ03B0191-0400
Notes 1: The total peak output current is the peak value of the peak currents flowing through all the applicable ports. The total average output current is the average
value measured over 100 ms flowing through all the applicable ports.
2: The peak output current is the peak current flowing in each port.
3: The average output current is an average value measured over 100 ms.
4: The duty of oscillation frequency is 50
%.
5: Connect a ceramic resonator or a quartz-crystal oscillator between the XIN and XOUT pins. Its maximum oscillation frequency must be 24 MHz. However,
make sure to set
φ to 12 MHz or slower. More faster clocks are required as the f(XIN) when using the frequency synthesizer as possible.
6: Connect a ceramic resonator or a quartz-crystal oscillator between the XCIN and XCOUT pins. Its maximum oscillation frequency must be 50 kHz. Input an
external clock having 5 MHz frequency (max.) from the XCIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com