Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 48Page - Renesas Technology Corp 7641 Datasheet HTML 49Page - Renesas Technology Corp 7641 Datasheet HTML 50Page - Renesas Technology Corp 7641 Datasheet HTML 51Page - Renesas Technology Corp 7641 Datasheet HTML 52Page - Renesas Technology Corp 7641 Datasheet HTML 53Page - Renesas Technology Corp 7641 Datasheet HTML 54Page - Renesas Technology Corp 7641 Datasheet HTML 55Page - Renesas Technology Corp 7641 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 52 of 135
REJ03B0191-0400
[USB Frame Number Registers Low and High ]
USBSOFL, USBFOFH
These 11-bit registers contain the frame number of the SOF token
received from the host computer. These are read-only registers.
[USB Endpoint Index Register] USBINDEX
This register specifies the accessible endpoint. It serves as an in-
dex to endpoint-specific USB Endpoint x IN Control Register, USB
Endpoint x OUT Control Register, USB Endpoint x IN Max. Packet
Size Register, USB Endpoint x OUT Max. Packet Size Register,
USB Endpoint x OUT Write Count Register, and USB FIFO Mode
Selection Register (x = 0 to 4).
USB frame number register Low (address 005616)
USBSOFL
Low-order 8 bits of SOF token
High-order 3 bits of SOF token
Reserved bit (“0” at read)
USB frame number register High (address 005716)
USBSOFH
b0
b7
b0
b7
USB endpoint index register (address 005816)
USBINDEX
Endpoint index bit (EPINDEX)
b2b1b0
0 0 0: Endpoint 0
0 0 1: Endpoint 1
0 1 0: Endpoint 2
0 1 1: Endpoint 3
1 0 0: Endpoint 4
1 0 1: Not used
1 1 0: Not used
1 1 1: Not used
Reserved bit (“0” at read/write)
AUTO_FLUSH bit (AUTO_FL)
0: Auto FIFO flush disabled
1: Auto FIFO flush enabled
ISO_UPDATE bit (ISO_UPD)
0: ISO_UPDATE disabled
1: ISO_UPDATE enabled
b0
b7
000
Fig. 44 Structure of USB frame number registers
Fig. 45 Structure of USB frame number registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com