Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 121Page - Renesas Technology Corp 7641 Datasheet HTML 122Page - Renesas Technology Corp 7641 Datasheet HTML 123Page - Renesas Technology Corp 7641 Datasheet HTML 124Page - Renesas Technology Corp 7641 Datasheet HTML 125Page - Renesas Technology Corp 7641 Datasheet HTML 126Page - Renesas Technology Corp 7641 Datasheet HTML 127Page - Renesas Technology Corp 7641 Datasheet HTML 128Page - Renesas Technology Corp 7641 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 125 of 135
REJ03B0191-0400
qStatus Register (SRD)
The status register indicates operating status of the flash memory
and status such as whether an erase operation or a program
ended successfully or in error. It can be read by writing the read
status register command (7016). Also, the status register is
cleared by writing the clear status register command (5016).
Table 30 lists the definition of each status register bit. After releas-
ing the reset, the status register becomes “8016”.
•Sequencer status (SR7)
The sequencer status indicates the operating status of the the
flash memory.
After power-on and recover from deep power down mode, the se-
quencer status is set to “1” (ready).
This status bit is set to “0” (busy) during write or erase operation
and is set to “1” upon completion of these operations.
•Erase status (SR5)
The erase status indicates the operating status of erase operation.
If an erase error occurs, it is set to “1”. When the erase status is
cleared, it is set to “0”.
•Program status (SR4)
The program status indicates the operating status of write opera-
tion. If a program error occurs, it is set to “1”. When the program
status is cleared, it is set to “0”.
SRD0 bits
SR7 (bit7)
SR6 (bit6)
SR5 (bit5)
SR4 (bit4)
SR3 (bit3)
SR2 (bit2)
SR1 (bit1)
SR0 (bit0)
Definition
“1”“0”
Table 30 Definition of each bit of status register (SRD)
Status name
Sequencer status
Reserved
Erase status
Program status
Reserved
Reserved
Reserved
Reserved
Ready
-
Terminated in error
Terminated in error
-
-
-
-
Busy
-
Terminated normally
Terminated normally
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com