Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 129Page - Renesas Technology Corp 7641 Datasheet HTML 130Page - Renesas Technology Corp 7641 Datasheet HTML 131Page - Renesas Technology Corp 7641 Datasheet HTML 132Page - Renesas Technology Corp 7641 Datasheet HTML 133Page - Renesas Technology Corp 7641 Datasheet HTML 134Page - Renesas Technology Corp 7641 Datasheet HTML 135Page - Renesas Technology Corp 7641 Datasheet HTML 136Page - Renesas Technology Corp 7641 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 133 of 135
REJ03B0191-0400
USB Communication
In applications requiring high-reliability, we recommend providing
the system with protective measures such as USB function initial-
ization by software or USB reset by the host to prevent USB
communication from being terminated unexpectedly, for example
due to external causes such as noise.
Clock Input/Output Pin Wiring (Noise
Elimination)
(1) Make the wiring for the input/output pins as short as possible.
(2) Make the wiring across the grounding lead of the capacitor
which is connected to an oscillator and the Vss pin of the MCU
as short as possible (within 20 mm)
(3) Make sure to isolate the oscillation Vss pattern from other pat-
terns for oscillation circuit-use only.
Oscillator Wiring (Noise Elimination)
(1) Keeping oscillator away from large current signal lines
Install a microcomputer (and especially an oscillator) as far as
possible from signal lines, including USB signal lines, where a cur-
rent larger than the tolerance of current value flows. When a large
current flows through those signal lines, strong noise occurs be-
cause of mutual inductance.
(2) Installing oscillator away from signal lines where potential
levels change frequently
Install an oscillator and a connecting pattern of an oscillator away
from signal lines where potential levels change frequently. Also, do
not cross such signal lines over the clock lines or the signal lines
which are sensitive to noise.
Terminate Unused Pins
(1) Output ports : Open
(2) Input ports :
Connect each pin to Vcc or Vss through each resistor of 1 k
Ω to
10 k
Ω.
Ports that permit the selecting of a built-in pull-up or pull-down re-
sistor can also use this resistor. As for pins whose potential affects
to operation modes such as pins CNVss, INT or others, select the
Vcc pin or the Vss pin according to their operation mode.
(3) I/O ports :
• Set the I/O ports for the input mode and connect them to Vcc or
Vss through each resistor of 1 k
Ω to 10 kΩ.
Ports that permit the selecting of a built-in pull-up or pull-down re-
sistor can also use this resistor. Set the I/O ports for the output
mode and open them at “L” or “H”.
• When opening them in the output mode, the input mode of the
initial status remains until the mode of the ports is switched over
to the output mode by the program after reset. Thus, the potential
at these pins is undefined and the power source current may in-
crease in the input mode. With regard to an effects on the
system, thoroughly perform system evaluation on the user side.
• Since the direction register setup may be changed because of a
program runaway or noise, set direction registers by program pe-
riodically to increase the reliability of program.
• At the termination of unused pins, perform wiring at the shortest
possible distance (20 mm or less) from microcomputer pins.
Electric Characteristic Differences Between
Mask ROM and Flash Memory Version MCUs
There are differences in electric characteristics, operation margin,
noise immunity, and noise radiation between Mask ROM and
Flash Memory version MCUs due to the difference in the manufac-
turing processes.
When manufacturing an application system with the Flash
Memory version and then switching to use of the Mask ROM ver-
sion, please perform sufficient evaluations for the commercial
samples of the Mask ROM version.
DATA REQUIRED FOR MASK ORDERS
The following are necessary when ordering a mask ROM produc-
tion:
1. Mask ROM Order Confirmation Form
2. Mark Specification Form
3. Data to be written to ROM, in EPROM form (three identical cop-
ies) or one floppy disk.
For the mask ROM confirmation and the mark specifications, refer
to the “Renesas Technology Corp.” Homepage
(http://www.renesas.com).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com